Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP81124 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP81124
Description  CMOS 8-bit Single Chip Microcomputer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP81124 Datasheet(HTML) 5 Page - Sony Corporation

  CXP81124 Datasheet HTML 1Page - Sony Corporation CXP81124 Datasheet HTML 2Page - Sony Corporation CXP81124 Datasheet HTML 3Page - Sony Corporation CXP81124 Datasheet HTML 4Page - Sony Corporation CXP81124 Datasheet HTML 5Page - Sony Corporation CXP81124 Datasheet HTML 6Page - Sony Corporation CXP81124 Datasheet HTML 7Page - Sony Corporation CXP81124 Datasheet HTML 8Page - Sony Corporation CXP81124 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
– 5 –
CXP81120/81124
(Port A)
8-bit output port.
(8 pins)
(Port B)
8-bit output port.
(8 pins)
(Port C)
8-bit I/O port. I/O can be set in a unit of single bits.
(8 pins)
(Port D)
8-bit I/O port. I/O and function as standby release input can be set in a unit of
single bits.
(8 pins)
(Port E)
4-bit port. Lower 2 bits
are for input; upper 2 bits
are for output.
(4 pins)
(Port F)
8-bit port. Lower 4 bits are for input; upper
4 bits are for output.
Lower 4 bits also serve as standby release
input.
(8 pins)
Serial clock (CH0) I/O.
Serial data (CH0) output.
Serial data (CH0) input.
Serial interface (CH0) chip select input.
(Port G)
5-bit port. Lower 2 bits
are for output; upper
3 bits are for I/O.
I/O can be set in a unit
of single bits.
(5 pins)
Connects a crystal oscillator for system clock. When supplying the external
clock, input the external clock to EXTAL pin and input opposite phase
clock to XTAL pin.
System reset; active at Low level. RST pin is I/O pin, which outputs “Low”
level by incorporated power-on reset function when power turns on.
(Mask option)
Pin Description
Symbol
PA0 to PA7
PB0 to PB7
PC0 to PC7
PD0 to PD7
PE0/INT0
PE1/EC/INT2
PE2/PWM0
PE3/PWM1
PF0/AN0
to
PF3/AN3
PF4/AN4
to
PF7/AN7
SCK0
SO0
SI0
CS0
PG3/TO
PG4
PG5/SCK1
PG6/SO1
PG7/SI1/INT1
EXTAL
XTAL
RST
Output
Output
I/O
I/O
Input/Input
Input/Input/
Input
Output/Output
Output/Output
Input/Input
Output/Input
I/O
Output
Input
Input
Output/Output
Output
I/O/I/O
I/O/Output
I/O/Input
Input
Input
Output
I/O
I/O
Description
Input to request external interruption.
Active at the falling edge. (2 pins)
External event
input for
timer/counter.
12-bit PWM output. (2 pins)
Analog input to A/D
converter.
(8 pins)
Serial data (CH1)
input.
Timer/counter rectangular wave output.
Serial clock (CH1) I/O.
Serial data (CH1) output.
Input to request external
interruption. Active at the
falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com