Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP82940 Datasheet(PDF) 21 Page - Sony Corporation

Part # CXP82940
Description  CMOS 8-bit Single Chip Microcomputer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP82940 Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXP82940 Datasheet HTML 16Page - Sony Corporation CXP82940 Datasheet HTML 17Page - Sony Corporation CXP82940 Datasheet HTML 18Page - Sony Corporation CXP82940 Datasheet HTML 19Page - Sony Corporation CXP82940 Datasheet HTML 20Page - Sony Corporation CXP82940 Datasheet HTML 21Page - Sony Corporation CXP82940 Datasheet HTML 22Page - Sony Corporation CXP82940 Datasheet HTML 23Page - Sony Corporation CXP82940 Datasheet HTML 24Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
– 21 –
CXP82940/82948/82952/82960
(5) I2C bus timing
(Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V reference)
Item
SCL clock frequency
Bus-free time before starting transfer
Hold time for starting transfer
Clock Low level width
Clock High level width
Setup time for repetitive transfers
Data hold time
Data setup time
SDA, SCL rise time
SDA, SCL fall time
Setup time for transfer completion
fSLC
tBUF
tHD; STA
tLOW
tHIGH
tSU; STA
tHD; DAT
tSU; DAT
tR
tF
tSU; STO
SCL
SDA, SCL
SDA, SCL
SCL
SCL
SDA, SCL
SDA, SCL
SDA, SCL
SDA, SCL
SDA, SCL
SDA, SCL
0
4.7
4.0
4.7
4.0
4.7
0∗
250
4.7
100
1
300
kHz
µs
µs
µs
µs
µs
µs
ns
µs
ns
µs
Symbol
Pin
Condition
Min.
Max.
Unit
∗ The data hold time must exceed 300ns because the SCL rise time (300ns max.) is not taken into consideration.
Fig.10. I2C bus transfer timing
P
St
tSU ; STO
tSU ; STA
tHD ; STA
tSU ; DAT
tHIGH
tHD ; DAT
tF
tR
tLOW
tHD ; STA
S
P
tBUF
SDA
SCL
Fig.11. Recommended circuit example for I2C device
I2C
device
I2C
device
RS
RS RS
RS RP
RP
SDA0
(or SDA1)
SCL0
(or SCL1)
• Pull-up resistors (RP) must be connected to SDA0 (or SDA1) and SCL0 (or SCL1).
• Serial resistance (Rs = 300
Ω or less) of SDA0 (or SDA1) and SCL0 (SCL1) reduces spike noise caused by
CRT flash-over.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com