Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP82940 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP82940
Description  CMOS 8-bit Single Chip Microcomputer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP82940 Datasheet(HTML) 5 Page - Sony Corporation

  CXP82940 Datasheet HTML 1Page - Sony Corporation CXP82940 Datasheet HTML 2Page - Sony Corporation CXP82940 Datasheet HTML 3Page - Sony Corporation CXP82940 Datasheet HTML 4Page - Sony Corporation CXP82940 Datasheet HTML 5Page - Sony Corporation CXP82940 Datasheet HTML 6Page - Sony Corporation CXP82940 Datasheet HTML 7Page - Sony Corporation CXP82940 Datasheet HTML 8Page - Sony Corporation CXP82940 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
– 5 –
CXP82940/82948/82952/82960
Pin code
I/O
Functions
Output/Output
PD0/S0
to
PD7/S7
(Port D)
8-bit output ports.
(8 pins)
FDP segment signal outputs.
(8 pins)
Output
S8 to S11
FDP segment signal outputs. (4 pins)
Output/Output
T8/S12
to
T15/S19
Outputs for FDP timing signals/segment signals.
(8 pins)
I/O
PG0 to PG3
(Port G)
8-bit I/O port. I/O can be set in a unit of single bits.
Incorporation of pull-up resistor can be set through the software in a unit
of 4 bits.
(4 pins)
VFDP
EXTAL
XTAL
TEX
TX
RST
NC
AVREF
AVSS
VDD
VSS
Input
Output
Input
Output
Input
Input
FDP voltage supply when incorporated resistor is set by mask option.
T0 to T7
FDP timing signal outputs.
Crystal connectors for system clock oscillation. When the clock is
supplied externally, input to EXTAL; opposite phase clock should be
input to XTAL.
Crystal connectors for 32kHz timer/counter clock oscillation. Set 32kHz
crystal oscillator between TEX and TX. For usage as event input, attach
clock source to TEX, and open TX.
Low-level active, system reset.
NC. Under normal operation, connect to VDD.
AVDD
Positive power supply for A/D converter.
Reference voltage input for A/D converter.
A/D converter GND.
Positive power supply.
GND.
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com