Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR95HF Datasheet(PDF) 13 Page - STMicroelectronics

Part # CR95HF
Description  13.56-MHz multi-protocol contactless transceiver IC with SPI and UART serial access
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR95HF Datasheet(HTML) 13 Page - STMicroelectronics

Back Button CR95HF Datasheet HTML 9Page - STMicroelectronics CR95HF Datasheet HTML 10Page - STMicroelectronics CR95HF Datasheet HTML 11Page - STMicroelectronics CR95HF Datasheet HTML 12Page - STMicroelectronics CR95HF Datasheet HTML 13Page - STMicroelectronics CR95HF Datasheet HTML 14Page - STMicroelectronics CR95HF Datasheet HTML 15Page - STMicroelectronics CR95HF Datasheet HTML 16Page - STMicroelectronics CR95HF Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
CR95HF
Communication protocols
Doc ID 018669 Rev 8
13/63
Figure 10.
Reading data from CR95HF
Data must be sampled at the rising edge of the SCK signal.
‘Sending’, ‘Polling’ and ‘Reading’ commands must be separated by a high level of the
SPI_SS line. For example, when the application needs to wait for data from the CR95HF, it
asserts the SPI_SS line low and issues a ‘Polling’ command. Keeping the SPI_SS line low,
the Host can read the Flags Waiting bit which indicates that the CR95HF can be read. Then,
the application has to assert the SPI_SS line high to finish the polling command. The Host
asserts the SPI_SS line low and issues a ‘Reading’ command to read data. When all data is
read, the application asserts the SPI_SS line high.
The application is not obliged to keep reading Flags using the Polling command until the
CR95HF is ready in one command. It can issue as many 'Polling' commands as necessary.
For example, the application asserts SPI_SS low, issues 'Polling' commands and reads
Flags. If the CR95HF is not ready, the application can assert SPI_SS high and continue its
algorithm (measuring temperature, communication with something else). Then, the
application can assert SPI_SS low again and again issue 'Polling' commands, and so on, as
many times as necessary, until the CR95HF is ready.
Note that at the beginning of communication, the application does not need to check flags to
start transmission. The CR95HF is assumed to be ready to receive a command from the
application.
Figure 11.
Reset the CR95HF
To reset the CR95HF using the SPI, the application sends the SPI Reset command (Control
Byte 01, see Figure 11) which starts the internal controller reset process and puts the
CR95HF into Power-up state. The CR95HF will wake up when pin IRQ_IN goes low. The
CR95HF reset process only starts when the SPI_SS pin returns to high level.
Caution:
SPI communication is MSB first.
4.2.2
Interrupt mode
When the CR95HF is configure to use the SPI serial interface, pin IRQ_OUT is used to give
additional information to user. When the CR95HF is ready to send back a reply, it sends an
Interrupt Request by setting a low level on pin IRQ_OUT, which remains low until the host
reads the data.
The application can use the Interrupt mode to skip the polling stage.
Caution:
SPI communication is MSB first.
MOSI
0 0 0 0 0 0 1 0
X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X
Control Byte
MISO
X X X X X X X X
Resp Code
LEN
DATA
DATA
Several data bytes
MOSI
0 0 0 0 0 0 0 1
Control Byte 01
MISO
X X X X X X X X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com