Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRIS2K Datasheet(PDF) 97 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 97 Page - STMicroelectronics

Back Button LRIS2K_11 Datasheet HTML 90Page - STMicroelectronics LRIS2K_11 Datasheet HTML 91Page - STMicroelectronics LRIS2K_11 Datasheet HTML 92Page - STMicroelectronics LRIS2K_11 Datasheet HTML 93Page - STMicroelectronics LRIS2K_11 Datasheet HTML 94Page - STMicroelectronics LRIS2K_11 Datasheet HTML 95Page - STMicroelectronics LRIS2K_11 Datasheet HTML 96Page - STMicroelectronics LRIS2K_11 Datasheet HTML 97Page - STMicroelectronics LRIS2K_11 Datasheet HTML 98Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 97 / 98 page
background image
LRIS2K
Revision history
Doc ID 13888 Rev 9
97/98
30-Sep-2010
8
Removed unsawn wafer (W4) and MLP8 (MBTG).
Modified programming time to 5 ms.
Removed 23, 28.5, and 97 pF tuning capacitor.
Section 36: Kill: UID mandatory, and error code definition.
Removed Option_flag in Section 27: Lock Block, Section 30: Write
AFI, Section 31: Lock AFI, Section 32: Write DSFID, Section 33:
Lock DSFID, Section 36: Kill. Specified Option_flag in Section 35:
Get Multiple Block Security Status.
Corrected IC reference in Table 59: Get System Info response format
when Error_flag is NOT set.
AFI_flag not supported by Fast Inventory and Inventory initiated
commands (see Section 41: Fast Inventory Initiated, Section 43:
Inventory Initiated).
19-Sep-2011
9
Updated Section 1: Description.
Updated disclaimer on last page.
Table 97.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com