Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRIS2K Datasheet(PDF) 17 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LRIS2K_11 Datasheet HTML 13Page - STMicroelectronics LRIS2K_11 Datasheet HTML 14Page - STMicroelectronics LRIS2K_11 Datasheet HTML 15Page - STMicroelectronics LRIS2K_11 Datasheet HTML 16Page - STMicroelectronics LRIS2K_11 Datasheet HTML 17Page - STMicroelectronics LRIS2K_11 Datasheet HTML 18Page - STMicroelectronics LRIS2K_11 Datasheet HTML 19Page - STMicroelectronics LRIS2K_11 Datasheet HTML 20Page - STMicroelectronics LRIS2K_11 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 98 page
background image
LRIS2K
Example of LRIS2K security protection
Doc ID 13888 Rev 9
17/98
3
Example of LRIS2K security protection
Table 7 and Table 8 show the block security protections before and after a valid Present
Password command. The Table 7 shows blocks access rights of an LRIS2K after power-up.
After a valid Present Password command with password 1, the memory block access is
changed as given in Table 8.
Table 7.
LRIS2K block security protection after power-up
Add
Protect status
07 8
15 16
23 24
31 b7b6b5
b4 b3 b2 b1 b0
0
Protection: Standard,
Read
- No Write
xxx
0000
1
4
Protection: Pswd 1,
No Read
- No Write
xxx
0111
1
Table 8.
LRIS2K block security protection after a valid presentation of password 1
Add
Protect status
07 8
15
16
23 24
31 b7b6b5
b4 b3 b2 b1 b0
0
Protection: Standard,
Read
- No Write
xxx
0000
1
4
Protection: Pswd 1,
Read
- No Write
xxx
0111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com