Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GWKALRB3.EM Datasheet(PDF) 9 Page - OSRAM GmbH

Part # GWKALRB3.EM
Description  SOLERIQ E 45
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKALRB3.EM Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button GWKALRB3.EM Datasheet HTML 5Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 6Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 7Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 8Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 9Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 10Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 11Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 12Page - OSRAM GmbH GWKALRB3.EM Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Draft Version 0.0
GW KALRB3.EM
2012-04-10 Preliminary Data
9
Forward Current 5) page 17
Durchlassstrom 5) Seite 17
I
F = f (VF); TS = 25 °C
Relative Luminous Flux 5) page 17
Relativer Lichtstrom 5) Seite 17
Φ
V/ΦV(880 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 5) page 17
Farbortverschiebung 5) Seite 17
ΔCx, ΔCy = f(I
F); TS = 25 °C
GWKALRB3.EM
38
40
42
44
46
VF[V]
200
400
600
800
1000
1200
IF[mA]
GWKALRB3.EM
IF[mA]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ΦV
ΦV(880 mA)
43IDC012509
0
200 400 600 800 1000 1200
IF [A]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
ΔCx
ΔCy
: ΔCx
: ΔCy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com