Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP84716 Datasheet(PDF) 21 Page - Sony Corporation

Part # CXP84716
Description  CMOS 8-bit Single Chip Microcomputer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP84716 Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXP84716 Datasheet HTML 17Page - Sony Corporation CXP84716 Datasheet HTML 18Page - Sony Corporation CXP84716 Datasheet HTML 19Page - Sony Corporation CXP84716 Datasheet HTML 20Page - Sony Corporation CXP84716 Datasheet HTML 21Page - Sony Corporation CXP84716 Datasheet HTML 22Page - Sony Corporation CXP84716 Datasheet HTML 23Page - Sony Corporation CXP84716 Datasheet HTML 24Page - Sony Corporation CXP84716 Datasheet HTML 25Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Note 1)
tsys indicates three values according to the contents of the clock control register (CLC: 00FEh) upper
2 bits (CPU clock selection).
tsys [ns] = 2000/fc (upper 2 bits = “00”), 4000/fc (upper 2 bits = “01”), 16000/fc (upper 2 bits = “11”)
Note 2) CS, SCK, SI and SO represent CS0, SCK0, SI0 and SO0 for CH0; they represent CS1, SCK1, SI1
and SO1 for CH1, respectively.
Note 3) The load of SCK output mode and SO output delay time is 50pF.
– 21 –
CXP84716/84720/84724
Serial transfer (CH0, CH1)
(Ta = –20 to +75°C, VDD = 3.0 to 3.6V, Vss = 0V reference)
CS
↓ → SCK
delay time
CS
↑ → SCK
floating delay time
CS
↓ → SO delay time
CS
↑ → SO floating
delay time
CS High level width
tsys + 200
2
tsys + 200
8000/fc
tsys + 100
4000/fc – 100
–
tsys + 100
200
2
tsys + 200
100
1.5
tsys + 250
1.5
tsys + 200
1.5
tsys + 250
1.5
tsys + 200
2
tsys + 250
125
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Item
Symbol
Pin
Conditions
Min.
Max.
Unit
Chip select transfer mode
(SCK = output mode)
Chip select transfer mode
(SCK = output mode)
Chip select transfer mode
Chip select transfer mode
Chip select transfer mode
Input mode
Output mode
Input mode
Output mode
SCK input mode
SCK output mode
SCK input mode
SCK output mode
SCK input mode
SCK output mode
SCK cycle time
SCK High and Low
level widths
SI input setup time
(for SCK
↑)
SI input hold time
(for SCK
↑)
SCK
↓ → SO
delay time
tDCSK
tDCSKF
tDCSO
tDCSOF
tWHCS
tKCY
tKH
tKL
tSIK
tKSI
tKSO
SCK0
SCK1
SCK0
SCK1
SO0
SO1
SO0
SO1
CS0
CS1
SCK0
SCK1
SCK0
SCK1
SI0
SI1
SI0
SI1
SO0
SO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com