Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP84716 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP84716
Description  CMOS 8-bit Single Chip Microcomputer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP84716 Datasheet(HTML) 5 Page - Sony Corporation

  CXP84716 Datasheet HTML 1Page - Sony Corporation CXP84716 Datasheet HTML 2Page - Sony Corporation CXP84716 Datasheet HTML 3Page - Sony Corporation CXP84716 Datasheet HTML 4Page - Sony Corporation CXP84716 Datasheet HTML 5Page - Sony Corporation CXP84716 Datasheet HTML 6Page - Sony Corporation CXP84716 Datasheet HTML 7Page - Sony Corporation CXP84716 Datasheet HTML 8Page - Sony Corporation CXP84716 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
– 5 –
CXP84716/84720/84724
Analog inputs to A/D converter.
(4 pins)
(Port A)
8-bit I/O port. I/O can be set in
a unit of single bits.
Incorporation of pull-up
resistor can be set through the
software in a unit of 4 bits.
(8 pins)
(Port B)
8-bit I/O port. I/O can be set in
a unit of single bits.
Incorporation of pull-up resistor
can be set through the
software in a unit of 4 bits.
(8 pins)
(Port C)
8-bit I/O port. I/O can be set in a unit of single bits. Can drive 12mA sink
current. Incorporation of pull-up resistor can be set through the software in
a unit of 4 bits.
(8 pins)
(Port D)
8-bit I/O port. I/O can be set in
a unit of single bits.
Incorporation of pull-up resistor
can be set through the software
in a unit of 4 bits.
Data is gated with PPO contents
by OR-gate and they are output.
(8 pins)
(Port E)
8-bit port. Lower 5 bits are for
input; upper 2 bits are for
output.
(8 pins)
Pin Description
AN0
to
AN3
PA0/AN4
to
PA3/AN7
PA4 to PA7
PB0/CINT
PB1 to PB3
PB4/CS1
PB5/SCK1
PB6/SI1
PB7/SO1
PC0 to PC7
PD0/PPO0
to
PD7/PPO7
PE0/EC0
PE1/EC1
PE2
PE3/NMI
PE4 to PE5
PE6
PE7/TO
Input
I/O/Input
I/O
I/O/Input
I/O
I/O/Input
I/O/I/O
I/O/Input
I/O/Output
I/O
I/O/Real-time
output
Input/Input
Input/Input
Input
Input/Input
Input
Output
Output/Output
Analog inputs to A/D converter.
(4 pins)
External capture input to 16-bit
timer/counter.
Chip select input for serial interface
(CH1).
Serial clock I/O (CH1).
Serial data input (CH1).
Serial data output (CH1).
PPO0 to PPO7 outputs for programmable
pattern generator (PPG0). Functions as
high-precision real-time pulse output port.
(PPG0: 11 pins; PPG1: 11 pins)
External event inputs for timer/counter.
(2 pins)
Non-maskable interruption request.
Rectangular wave output for 16-bit
timer/counter.
Symbol
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com