Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0415CDMC Datasheet(PDF) 1 Page - Sumida Corporation

Part # 0415CDMC
Description  Magnetically shielded.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0415CDMC Datasheet(HTML) 1 Page - Sumida Corporation

  0415CDMC Datasheet HTML 1Page - Sumida Corporation 0415CDMC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Revised: 27-Jul-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
0415CDMC/DS
Description
• Magnetically shielded.
• L
×W×H: 4.75×4.35×1.5 mm Max.
• Product weight: 0.15g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 13.0”diameter reel
• 4500pcs per reel
Applications
• Ideally used in notebook, ultrabook, tablet PC,
LCD display, SSD and other low profile high
current application.
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
5.2
1.0
Electrical Characteristics
4.5
7.8
30
±20℅
1.0
±20℅
1R0
0415CDMCDS-1R0MC
Temperature rise
Current
[Typ.] (A)
※3
Saturation
Current
[Typ.] (A)
※2
D.C.R (m
Ω)
[ within ]
(at 25
℃)
Inductance
(
μH)
[within]
※1
Stamp
Part Number
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of DC current when the inductance is over 80% of the initial value. (at 25℃ )
※3 .Temperature rise current: The actual value of DC current when the top surface temperature of test sample rise is △T=
40
℃(Ta=25℃).
Halogen
Free
1.5 Max.
4.
1±
0.
25
4.5±0.25
1.3±0.25
1.3±0.25
1.9


Similar Part No. - 0415CDMC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
0415CDMCBDS SUMIDA-0415CDMCBDS Datasheet
130Kb / 3P
Magnetically shielded
0415CDMCBDS-100MC SUMIDA-0415CDMCBDS-100MC Datasheet
130Kb / 3P
Magnetically shielded
0415CDMCBDS-1R0MC SUMIDA-0415CDMCBDS-1R0MC Datasheet
130Kb / 3P
Magnetically shielded
0415CDMCBDS-1R5MC SUMIDA-0415CDMCBDS-1R5MC Datasheet
130Kb / 3P
Magnetically shielded
0415CDMCBDS-2R2MC SUMIDA-0415CDMCBDS-2R2MC Datasheet
130Kb / 3P
Magnetically shielded
More results

Similar Description - 0415CDMC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
0412CDMC SUMIDA-0412CDMC Datasheet
126Kb / 3P
Magnetically shielded.
0420CDMCB SUMIDA-0420CDMCB Datasheet
171Kb / 3P
Magnetically shielded.
0520CDMC SUMIDA-0520CDMC Datasheet
139Kb / 4P
Magnetically shielded
0415CDMCBDS SUMIDA-0415CDMCBDS Datasheet
130Kb / 3P
Magnetically shielded
0520CDMCBDS SUMIDA-0520CDMCBDS Datasheet
139Kb / 4P
Magnetically shielded
logo
TOKO, Inc
MDT1608-CH TOKO-MDT1608-CH Datasheet
215Kb / 1P
Magnetically shielded
MDT2520ACN TOKO-MDT2520ACN Datasheet
128Kb / 1P
Magnetically shielded
MBH7045C TOKO-MBH7045C Datasheet
297Kb / 2P
Magnetically shielded
MBH10145C TOKO-MBH10145C Datasheet
245Kb / 1P
Magnetically shielded
MBH12282C TOKO-MBH12282C Datasheet
246Kb / 1P
Magnetically shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com