Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP85452 Datasheet(PDF) 21 Page - Sony Corporation

Part # CXP85452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP85452 Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXP85452 Datasheet HTML 13Page - Sony Corporation CXP85452 Datasheet HTML 14Page - Sony Corporation CXP85452 Datasheet HTML 15Page - Sony Corporation CXP85452 Datasheet HTML 16Page - Sony Corporation CXP85452 Datasheet HTML 17Page - Sony Corporation CXP85452 Datasheet HTML 18Page - Sony Corporation CXP85452 Datasheet HTML 19Page - Sony Corporation CXP85452 Datasheet HTML 20Page - Sony Corporation CXP85452 Datasheet HTML 21Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
– 21 –
CXP85452/85460
Package Outline
Unit: mm
PACKAGE STRUCTURE
MOLDING COMPOUND
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
SONY CODE
EIAJ CODE
JEDEC CODE
SDIP-64P-01
42 ALLOY
SOLDER PLATING
EPOXY / PHENOL RESIN
64PIN SDIP (PLASTIC) 750mil
SDIP064-P-0750-A
57.6 – 0.1
+ 0.4
64
33
1
32
1.778
0° to 15°
0.5 ± 0.1
0.9 ± 0.15
8.6g
SONY CODE
EIAJ CODE
JEDEC CODE
23.9 ± 0.4
20.0 – 0.1
1.0
0.4 – 0.1
+ 0.15
1
19
20
32
33
51
52
64
0.15 – 0.05
+ 0.1
2.75 – 0.15
0.1 – 0.05
+ 0.2
M
± 0.12
0.15
+ 0.4
+ 0.35
64PIN QFP(PLASTIC)
QFP–64P–L01
∗QFP064–P–1420
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE WEIGHT
EPOXY RESIN
SOLDER/PALLADIUM
COPPER /42 ALLOY
PACKAGE STRUCTURE
PLATING
1.5g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com