Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP85452 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP85452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP85452 Datasheet(HTML) 5 Page - Sony Corporation

  CXP85452 Datasheet HTML 1Page - Sony Corporation CXP85452 Datasheet HTML 2Page - Sony Corporation CXP85452 Datasheet HTML 3Page - Sony Corporation CXP85452 Datasheet HTML 4Page - Sony Corporation CXP85452 Datasheet HTML 5Page - Sony Corporation CXP85452 Datasheet HTML 6Page - Sony Corporation CXP85452 Datasheet HTML 7Page - Sony Corporation CXP85452 Datasheet HTML 8Page - Sony Corporation CXP85452 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
(Port A)
8-bit I/O port. I/O can be set in a unit of single bits.
(8 pins)
(Port B)
8-bit I/O port. I/O can be set in a unit of single bits.
(8 pins)
(Port C)
8-bit I/O port. I/O can be set in a unit of single bits.
(8 pins)
(Port D)
8-bit I/O port. I/O
can be set in a unit
of single bits.
12mA sink current
drive possible.
(8 pins)
(Port E)
8-bit port. Lower
6 bits are for inputs;
upper 2 bits are for
outputs.
(8 pins)
(Port F)
8-bit output port.
Large current
(12mA) N-ch open
drain output.
Lower 4 bits are
mid-voltage drive
(12V); upper 4 bits
are 5V drive.
(8 pins)
OSD display 6-bit output pin. (6 pins)
– 5 –
CXP85452/85460
Pin Description
Symbol
PA0 to PA5
PA6/VSYNC
PA7/HSYNC
PB0 to PB7
PC0 to PC7
PD0/INT2
PD1/SCK
PD2/SO
PD3/SI
PD4/HS0
PD5/HS1
PD6/RMC
PD7/EC
PE0/INT0
PE1/INT1
PE2/AN0
to
PE5/AN3
PE6/PWM
PE7/TO
PF0/PWM0
to
PF3/PWM3
PF4/PWM4/
SCL0
PF5/PWM5/
SCL1
PF6/PWM6/
SDA0
PF7/PWM7/
SDA1
R, G, B, I, YS, YM
I/O
I/O/Input
I/O/Input
I/O
I/O
I/O/Input
I/O/I/O
I/O/Output
I/O/Input
I/O/Input
I/O/Input
I/O/Input
I/O/Input
Input/Input
Input/Input
Output/Output
Output/Output
Output/Output
Output/Output/
I/O
Output/Output/
I/O
Output
I/O
Description
OSD display vertical synchronization signal input pin.
OSD display horizontal synchronization signal input pin.
Input pin for external interruption request.
Active when falling edge.
Serial clock I/O pin.
Serial data output pin.
Serial data input pin.
HSYNC counter (CH0) input pin.
HSYNC counter (CH1) input pin.
Remote control reception circuit input pin.
External event input pin for timer/counter.
Input pin for external interruption request.
Active when falling edge.
(2 pins)
Analog input pin for A/D converter.
(4 pins)
14-bit PWM output pin.
(CMOS output)
Timer/counter rectangular wave output pin.
8-bit PWM output pin.
(8 pins)
I2C bus interface transfer clock I/O pin.
(2 pins)
I2C bus interface transfer data I/O pin.
(2 pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com