Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R017 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT46R017
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R017 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT46R017 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
Rev. 1.00
1�
���� 1�� �01�
Rev. 1.00
13
���� 1�� �01�
HT46R016/HT46R017
Enhanced A/D 8-Bit OTP MCU
Fe tc h In st . 1E xe cu te In s t. 1
Fe tc h In s t. 2
Fl us h Pi pe lin e
1
2
3
4
5
6 DE L AY:
MO V A, [1 2H ]
CA LL D EL AY
CP L [ 12H ]
:
:
NO P
Ex ec ut e In st . 2
Fe tc h In s t. 3
Fe tc h In s t. 6
Ex ec ut e In st . 6
Fe tc h In st . 7
Instruction Fetching
Program Counter – PC
During program execution, the Program Counter is used to keep track of the address of the
next instruction to be executed. It is automatically incremented by one each time an instruction
is executed except for instructions, such as “JMP” or “CALL” that demand a jump to a
non-consecutive Program Memory address. It must be noted that only the lower 8 bits, known as the
Program Counter Low Register, are directly addressable by user.
When executing instructions requiring jumping to non-consecutive addresses such as a jump
instruction, a subroutine call, interrupt or reset, etc, the microcontroller manages program control
by loading the required address into the Program Counter. For conditional skip instructions, once
the condition has been met, the next instruction, which has already been fetched during the present
instruction execution, is discarded and a dummy cycle takes its place while the correct instruction is
obtained.
Device
Program Counter
Program Counter High Byte
PCL Register
HT4�R01�
PC9� PC8
PCL7~PCL0
HT4�R017
PC10~PC8
The lower byte of the Program Counter, known as the Program Counter Low register or PCL, is
available for program control and is a readable and writeable register. By transferring data directly
into this register, a short program jump can be executed directly. However, as only this low byte is
available for manipulation, the jumps are limited in the present page of memory, which have 256
locations. When such program jumps are executed it should also be noted that a dummy cycle will
be inserted.
The lower byte of the Program Counter is fully accessible under program control. Manipulating the
PCL might cause program branching, so an extra cycle is needed to pre-fetch. Further information
on the PCL register can be found in the Special Function Register section.
Stack
This is a special part of the memory which is used to save the contents of the Program Counter
only. The stack is neither part of the data nor part of the program space, and is neither readable nor
writeable. The activated level is indexed by the Stack Pointer, and is neither readable nor writeable.
At a subroutine call or interrupt acknowledge signal, the contents of the Program Counter are pushed
onto the stack. At the end of a subroutine or an interrupt routine, signaled by a return instruction,
RET or RETI, the Program Counter is restored to its previous value from the stack. After a device
reset, the Stack Pointer will point to the top of the stack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com