Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R017 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT46R017
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R017 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT46R017 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
Rev. 1.00
14
���� 1�� �01�
Rev. 1.00
15
���� 1�� �01�
HT46R016/HT46R017
Enhanced A/D 8-Bit OTP MCU
Progam Memory
The Program Memory is the location where the user code or program is stored. The device is
supplied with One-Time Programmable, OTP, memory where users can program their application
code into the device. By using the appropriate programming tools, OTP device offers users the
flexibility to freely develop their applications which may be useful during debug or for products
requiring frequent upgrades or program changes.
Structure
The Program Memory has a capacity of 1k×16 to 2k×16. The Program Memory is addressed by the
Program Counter and also contains data, table information and interrupt entries information. Table
data, which can be setup in any location within the Program Memory, is addressed by separate table
pointer registers.
Device
Capacity
HT4�R01�
1k×1�
HT4�R017
�k×1�
3FFH
7FFH
16 bits
Time Base
Interrupt
Timer 0
Interrupt
A/D
Interrupt
External
Interrupt
Reset
18H
10H
14H
0CH
08H
04H
00H
HT46R016
16 bits
Time Base
Interrupt
A/D
Interrupt
Timer 0
Interrupt
Timer 1
Interrupt
External
Interrupt
Reset
HT46R017
Program Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com