Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP87940 Datasheet(PDF) 21 Page - Sony Corporation

Part # CXP87940
Description  CMOS 8-bit Single Chip Microcomputer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87940 Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXP87940 Datasheet HTML 17Page - Sony Corporation CXP87940 Datasheet HTML 18Page - Sony Corporation CXP87940 Datasheet HTML 19Page - Sony Corporation CXP87940 Datasheet HTML 20Page - Sony Corporation CXP87940 Datasheet HTML 21Page - Sony Corporation CXP87940 Datasheet HTML 22Page - Sony Corporation CXP87940 Datasheet HTML 23Page - Sony Corporation CXP87940 Datasheet HTML 24Page - Sony Corporation CXP87940 Datasheet HTML 25Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
– 21 –
CXP87940/87948
SO1 cycle time
SI1 data setup time
SI1 data hold time
tLCY
tLSU
tLHD
SO1
SI1
SI1
SI1
∗1
2
2
104
µs
µs
µs
Item
Symbol
Pin
Condition
Min.
Typ.
Max.
Unit
Serial transfer (CH1) (Special mode) (Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V reference)
∗1 t
LCY
is specified only when serial mode register (CH1) (SIOM1: 05FZH) lower 2 bits (SO1 clock selection)
are set at 104µs.
Note) The load of SO1 pin is 50pF + 1TTL.
Fig. 6. Serial transfer CH1 timing (Special mode)
SO1
SI1
tLCY
Start bit
Output data bit
tLCY
0.5VDD
0.8VDD
0.2VDD
tLCY/2
tLSU
tLHD
Input
data bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com