Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP87940 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP87940
Description  CMOS 8-bit Single Chip Microcomputer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87940 Datasheet(HTML) 5 Page - Sony Corporation

  CXP87940 Datasheet HTML 1Page - Sony Corporation CXP87940 Datasheet HTML 2Page - Sony Corporation CXP87940 Datasheet HTML 3Page - Sony Corporation CXP87940 Datasheet HTML 4Page - Sony Corporation CXP87940 Datasheet HTML 5Page - Sony Corporation CXP87940 Datasheet HTML 6Page - Sony Corporation CXP87940 Datasheet HTML 7Page - Sony Corporation CXP87940 Datasheet HTML 8Page - Sony Corporation CXP87940 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
– 5 –
CXP87940/87948
PG0/CFG
PG1/DFG
PG2/DPG
PG3/PBCTL
PG4/SYNC0
PG5/SYNC1
PG6/EXI0
PG7/EXI1
PH0 to PH7
PI1/RMC
PI2/PWM
PI3/TO/
DDO/ADJ
PI4/INT1/
NMI
PI5/SCK1
PI6/SO1
PI7/SI1
PJ0 to PJ7
EXTAL
XTAL
TEX
TX
RST
MP
AVDD
AVREF
AVss
VDD
NC
Vss
Input/Input
Input/Input
Input/Input
Input/Input
Input/Input
Input/Input
Input/Input
Input/Input
Output
I/O/Input
I/O/Output
I/O/Output/
Output/Output
I/O/Input/Input
I/O/I/O
I/O/Output
I/O/Input
I/O
Input
Output
Input
Output
Input
Input
Input
Composite sync signal input.
(2 pins)
External input to FRC capture unit.
(2 pins)
(Port G)
8-bit input port.
(8 pins)
(Port H)
8-bit output port. N-ch open drain output of medium drive voltage (12V)
and large current (12mA).
(8 pins)
Remote control reception circuit input.
14-bit PWM output.
Timer/counter, CTL duty detection, 32kHz oscillation
adjustment output.
Input to request external interruption and
non-maskable interruption. Active at the falling edge.
Serial clock (CH1) I/O.
Serial data (CH1) output.
Serial data (CH1) input.
(Port I)
7-bit I/O port.
I/O port can be
set in a unit of
single bits.
(7 pins)
(Port J)
8-bit I/O port. I/O and standby release input function can be set in a
unit of single bits.
Connects a crystal oscillator for system clock. When supplying the
external clock, input the external clock to EXTAL and input the
opposite phase clock to XTAL .
Connects a crystal oscillator for 32kHz timer/counter clock. The 32kHz
crystal oscillator is inserted between TEX and TX. When used as event
input, connect the clock source to TEX and leave TX open.
System reset; active at Low level.
Test mode input. Always connect to GND.
Positive power supply of A/D converter.
Reference voltage input of A/D converter.
GND of A/D converter.
Positive power supply. Connect VDD pin to VDD.
No connected. Connect to VDD in normal operation.
GND. Connect both Vss pins to GND.
Symbol
I/O
Description
Capstan FG input.
Drum FG input.
Drum PG input.
Playback CTL pulse input.
External event input for timer/counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com