Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT32F1765 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT32F1765
Description  Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1765 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT32F1765 Datasheet HTML 37Page - Holtek Semiconductor Inc HT32F1765 Datasheet HTML 38Page - Holtek Semiconductor Inc HT32F1765 Datasheet HTML 39Page - Holtek Semiconductor Inc HT32F1765 Datasheet HTML 40Page - Holtek Semiconductor Inc HT32F1765 Datasheet HTML 41Page - Holtek Semiconductor Inc HT32F1765 Datasheet HTML 42Page - Holtek Semiconductor Inc HT32F1765 Datasheet HTML 43Page - Holtek Semiconductor Inc HT32F1765 Datasheet HTML 44Page - Holtek Semiconductor Inc HT32F1765 Datasheet HTML 45Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
Rev. 1.00
41 of 45
����st 1�� �01�
��-bit �RM Cortex™-M� MCU
HT��F1755/HT��F1765/HT��F�755
5 Package Information
Note that the package information provided here is for consultation purposes only. As this information
may be updated at regular intervals users are reminded to consult the Holtek website (http://www.
holtek.com.tw/english/literature/package.pdf) for the latest version of the package information.
48-pin LQFP (7mm×7mm) Outline Dimensions
36
25
37
24
13
12
1
48
A
B
C
D
E
F
G
H
I
J
K
=
Symbol
Dimensions in inch
Min.
Nom.
Max.
�
0.�50
―
0.�58
B
0.�7�
―
0.�80
C
0.�50
―
0.�58
D
0.�7�
―
0.�80
E
―
0.0�0
―
F
―
0.008
―
G
0.05�
―
0.057
H
―
―
0.06�
I
―
0.004
—
J
0.018
―
0.0�0
K
0.004
―
0.008
α
0°
―
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com