Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP88340 Datasheet(PDF) 21 Page - Sony Corporation

Part # CXP88340
Description  CMOS 8-bit Single Chip Microcomputer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP88340 Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXP88340 Datasheet HTML 17Page - Sony Corporation CXP88340 Datasheet HTML 18Page - Sony Corporation CXP88340 Datasheet HTML 19Page - Sony Corporation CXP88340 Datasheet HTML 20Page - Sony Corporation CXP88340 Datasheet HTML 21Page - Sony Corporation CXP88340 Datasheet HTML 22Page - Sony Corporation CXP88340 Datasheet HTML 23Page - Sony Corporation CXP88340 Datasheet HTML 24Page - Sony Corporation CXP88340 Datasheet HTML 25Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
– 21 –
CXP88340/88348
Input mode
Output mode
Input mode
Output mode
SCK0 input mode
SCK0 output mode
SCK0 input mode
SCK0 output mode
SCK0 input mode
SCK0 output mode
Chip select transfer mode
(SCK0 = output mode)
Chip select transfer mode
(SCK0 = output mode)
Chip select transfer mode
Chip select transfer mode
Chip select transfer mode
Note 1)
tsys indicates three values according to the contents of the clock control register (CLC: 00FEh) upper
2 bits (CPU clock selection).
tsys [ns] = 2000/fc (Upper 2 bits = "00"), 4000/fc (Upper 2 bits = "01"), 16000/fc (Upper 2 bits = "11")
Note 2) The load of SCK0 output mode and SO0 output delay time is 50pF + 1TTL.
(2) Serial transfer (CH0)
(Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V reference)
Item
CS0
↓ → SCK0
delay time
CS0
↑ → SCK0
floating delay time
CS0
↓ → SO0
delay time
CS0
↑ → SO0
floating delay time
CS0
high level width
SCK0
cycle time
SCK0
high and low level widths
SI0 input set-up time
(against SCK0
↑)
SI0 input hold time
(against SCK0
↑)
SCK0
↓ → SO0 delay time
tDCSK
tDCSKF
tDCSO
tDCSOF
tWHCS
tKCY
tKH
tKL
tSIK
tKSI
tKSO
SCK0
SCK0
SO0
SO0
CS0
SCK0
SCK0
SI0
SI0
SO0
ns
ns
ns
ns
ns
Symbol
Pins
Min.
tsys + 200
tsys + 200
tsys + 200
tsys + 200
tsys + 200
2
tsys + 200
16000/fc
tsys + 100
8000/fc – 100
–
tsys + 100
200
2
tsys + 100
100
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
2
tsys + 100
100
Max.
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com