Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP88340 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP88340
Description  CMOS 8-bit Single Chip Microcomputer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP88340 Datasheet(HTML) 5 Page - Sony Corporation

  CXP88340 Datasheet HTML 1Page - Sony Corporation CXP88340 Datasheet HTML 2Page - Sony Corporation CXP88340 Datasheet HTML 3Page - Sony Corporation CXP88340 Datasheet HTML 4Page - Sony Corporation CXP88340 Datasheet HTML 5Page - Sony Corporation CXP88340 Datasheet HTML 6Page - Sony Corporation CXP88340 Datasheet HTML 7Page - Sony Corporation CXP88340 Datasheet HTML 8Page - Sony Corporation CXP88340 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
– 5 –
CXP88340/88348
AN0 to AN3
PF0/AN4
to
PF3/AN7
PF4/AN8
to
PF7/AN11
PG0/CFG
PG1/DFG
PG2/DPG
PG3/EC/
INT2
PH0/SCL0
PH1/SCL1
PH2/SDA0
PH3/SDA1
PH4 to PH7
PI0/INT0
PI1 to PI7
RFG0, RFG1
ANOUT
CTLFAMPO
CTLSAMPI
CTLAGND
CTLFAMPI (–)
CTLFAMPI (+)
HEADL (–)
HEADL (+)
CTLHEAD (–)
CTLHEAD (+)
AMPVSS
AMPVDD
Input
Input/Input
Output/Input
Input/Input
Input/Input/Input
I/O/I/O
Output
I/O/Input
I/O
Input
Output
Output
Input
Output
Input
Output
I/O
Description
I/O
Description
(Port F)
Lower 4 bits are for inputs; upper 4 bits are for
outputs. Lower 4 bits also serve as standby
release input pins.
(8 pins)
(Port H)
8-bit I/O port. Upper four
bits are for outputs. I/O
can be set in a unit of
single bits for lower four
bits.
Lower four bits are N-ch open drain outputs and which can drive 12mA
sink current.
Upper four bits are for outputs; N-ch open drain output of medium drive
voltage (12V) and large current (12mA).
(8 pins)
Input ports. (2 pins)
Output port. (1 pin)
Output port. (1 pin)
Input port. (1 pin)
Output port. (1 pin)
Input ports. (2 pins)
Output ports. (2 pins)
I/O ports. (2 pins)
Analog signal input circuit GND pin.
Analog signal input circuit power supply pin.
Input pin to request external interruption.
Active when falling edge.
(Port I)
8-bit I/O port. I/O can be
set in a unit of single bits.
Function as standby release input can be set in a unit of single bits.
(8 pins)
Analog input pin to
A/D converter.
(12 pins)
(Port G)
4-bit input port.
(4 pins)
Capstan FG input pin.
Drum FG input pin.
Drum PG input pin.
External event input
pin for
timer/counter.
Serial clock (CH2) I/O pin.
Serial data (CH2) I/O pin.
Input pin to request
external interruption.
Active when falling
edge.
Reel FG input pin.
Internal waveform output pin of analog circuit.
PBCTL signal 1st amplifier output pin.
PBCTL signal 2nd amplifier input pin.
Smoothing capacitor connecting pin.
Input PBCTL signal with capacitor coupled.
During playback, connect to CTLHEAD (–)
and CTLHEAD (+) with internal switch.
During playback, input pin of PBCTL signal;
during recording, output pin of PBCTL signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com