Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT68F016 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT68F016
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F016 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT68F016 Datasheet HTML 45Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 46Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 47Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 48Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 49Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 50Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 51Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 52Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
49
May 14, 2012
The power-on reset condition of the A/D converter con-
trol registers ensures that any A/D input pins - which are
always shared with other I/O functions - will be setup as
analog inputs after a reset. Although these pins will be
configured as A/D inputs after a reset, the A/D converter
will not be switched on. It is therefore important to note
that if it is required to use these pins as I/O digital input
pins or as other functions, the A/D converter control reg-
isters must be correctly programmed to remove the A/D
function. Note also that as the A/D channel is enabled,
any internal pull-high resistor connections will be re-
moved.
Port A has the additional capability of providing wake-up
functions. When the device is in the SLEEP or IDLE
Mode, various methods are available to wake the device
up. One of these is a high to low transition of any of the
Port A pins. Single or multiple pins on Port A can be
setup to have this function.
V D D
M
U
X
W a k e - u p S e l e c t
S y s t e m W a k e - u p
R e a d D a t a R e g i s t e r
D
Q
C K
S
D
Q
C K
S
C o n t r o l B i t
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
I / O p i n
Q
Q
P A o n l y
W e a k
P u l l - u p
P u l l - H i g h
R e g i s t e r
S e l e c t
Generic Input/Output Structure
V D D
M
U
X
R e a d D a t a R e g i s t e r
C o n t r o l B i t
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
A / D I n p u t P i n s
A C S 1 ~ A C S 0
T o A / D C o n v e r t e r
W e a k
P u l l - u p
A n a l o g
I n p u t
S e l e c t o r
D
Q
C K
S
Q
D
Q
C K
S
Q
P u l l - H i g h
R e g i s t e r
S e l e c t
A/D Input/Output Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com