| Electronic Components Datasheet Search |
|
HT68F016 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT68F016 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc |
|
32 / 116 page ![]() HT66F016/HT66F017/HT68F016/HT68F017 Rev. 1.00 32 May 14, 2012 Operating Modes and System Clocks Present day applications require that their microcontrollers have high performance but often still demand that they consume as little power as possible, conflicting requirements that are especially true in bat- tery powered portable applications. The fast clocks re- quired for high performance will by their nature increase current consumption and of course vice-versa, lower speed clocks reduce current consumption. As Holtek has provided these devices with both high and low speed clock sources and the means to switch between them dynamically, the user can optimise the operation of their microcontroller to achieve the best perfor- mance/power ratio. System Clocks The device has many different clock sources for both the CPU and peripheral function operation. By providing the user with a wide range of clock options using config- uration options and register programming, a clock sys- tem can be configured to obtain maximum application performance. The main system clock, can come from either a high fre- quency, fH, or low frequency, fL, source, and is selected using the HLCLK bit and CKS2~CKS0 bits in the SMOD register. The high speed system clock can be sourced from either an HXT or HIRC oscillator, selected via a configuration option. The low speed system clock source can be sourced from internal clock fL. The other choice, which is a divided version of the high speed sys- tem oscillator has a range of fH/2~fH/64. There are two additional internal clocks for the periph- eral circuits, the substitute clock, fSUB, and the Time Base clock, fTBC. Each of these internal clocks are sourced by the LIRC oscillators. The fSUB clock is used to provide a substitute clock for the microcontroller just after a wake-up has occurred to enable faster wake-up times. f H f H / 6 4 f H / 3 2 f H / 1 6 f H / 8 f H / 4 f H / 2 6 - s t a g e P r e s c a l e r f S U B H i g h S p e e d O s c i l l a t i o n C o n f i g u r a t i o n O p t i o n f S Y S H L C L K , C K S 2 ~ C K S 0 b i t s F a s t W a k e - u p f r o m S L E E P M o d e o r I D L E M o d e C o n t r o l ( f o r H X T o n l y ) f S C o n f i g u r a t i o n O p t i o n T B C K T i m e B a s e W D T f T B C f S Y S / 4 f T B f S Y S / 4 f S U B f S H i g h S p e e d O s c i l l a t i o n H X T H I R C L I R C L o w S p e e d O s c i l l a t i o n f L System Clock Configurations Note: When the system clock source fSYS is switched to fL from fH, the high speed oscillation will stop to conserve the power. Thus there is no fH~fH/64 for peripheral circuit to use. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |