Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMM665C Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

Part # SMM665C
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665C Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SMM665C_11 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM665C_11 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM665C_11 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM665C_11 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM665C_11 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM665C_11 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM665C_11 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM665C_11 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM665C_11 Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
SMM665C
Summit Microelectronics, Inc
2125 3.2 5/24/2011
8
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min
Typ
Max
Unit
VIH
Input High Voltage (FS,
PWR_ON/OFF, MR#, SDA, SCL),
Note 3
VDD = 2.7V
0.7 x
VDD_CAP
V
VDD = 5.0V
0.7 x
VDD_CAP
V
VIL
Input Low Voltage (FS,
PWR_ON/OFF, MR#, SDA, SCL),
Note 3
VDD = 2.7V
0.3 x
VDD_CAP
V
VDD = 5.0V
0.3 x
VDD_CAP
V
VIH
Input High Voltage (FS,
PWR_ON, MR#, SDA, SCL),
Notes 3, 10
Internally regulated to 3.6V
0.7 x
VDD_CAP
V
Internally regulated to 5.5V
0.7 x
VDD_CAP
V
VIL
Input Low Voltage (FS, PWR_ON,
MR#, SDA, SCL), Notes 3, 10
Internally regulated to 3.6V
0.3 x
VDD_CAP
V
Internally regulated to 5.5V
0.3 x
VDD_CAP
V
IOL
Output Low Current, Note 6
0
1.0
mA
IOLSDA
Output low current for SDA
VOL=0.4V
3
mA
IS
Leakage current on SDA and
SCL
When SDA or SCL are at
3.6V
1.0
μA
VSENSE
Positive Sense Voltage
VM pin
+0.3
VDD_CAP
V
VMonitor
Monitor Threshold Step Size
VM, AIN1/AIN2 pins
5
mV
TSA
Internal Temperature Sensor
Accuracy (Notes 5, 8)
Commercial Temp Range
-4
±4
+4
oC
Industrial Temp Range
-6
±6
+6
oC
TMonitor
Temperature Threshold Step Size
Internal Temp Sensor
0.25
oC
V
REF
Internal 1.25VREF Output Voltage
Accuracy
T = +25
°C
-0.4
+0.4
%
T = -40
°C to +85°C
-0.8
+0.8
%
Ext V
REF
External VREF Voltage Range
0.5
VDD_CAP
V
ADOC
ACC
ADOC/Margin Accuracy
External VREF=1.25V,
±0.1%, Total PUPx ISINK =
6ma, VSENSE 3.5V,
T = 0
°C to +50°C
-0.20
±0.1
+0.20
%
External VREF=1.25V,
±0.1%, Total PUPx ISINK =
6ma, VSENSE 3.5V,
T = 0
°C to +70°C
-0.35
±0.1
+0.35
%
External VREF=1.25V,
±0.1%, Total PUPx ISINK =
6ma, VSENSE 3.5V,
T = 0
°C to +50°C
-0.50
±0.3
+0.50
%
Internal VREF=1.25V,
Total PUPx ISINK = 6ma,
T = 0
°C to +50°C
-0.50
±0.3
+0.50
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com