Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM-232 Datasheet(PDF) 4 Page - Sony Corporation

Part # DM-232
Description  Magnetoresistance Element
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

DM-232 Datasheet(HTML) 4 Page - Sony Corporation

  DM-232 Datasheet HTML 1Page - Sony Corporation DM-232 Datasheet HTML 2Page - Sony Corporation DM-232 Datasheet HTML 3Page - Sony Corporation DM-232 Datasheet HTML 4Page - Sony Corporation DM-232 Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
—4—
DM-232
Midpoint potential vs. Magnetic field Intensi ty (1)
0
2.46
H-Magnetic field intensity (A/m)
2.48
2.50
2.52
2.54
GND
VA
VCC
GND
VA
VCC
VCC=5V
4000
8000
12000
16000
H
H
232
232
Midpoint potential vs. Magnetic field Intensity (2)
0
2.46
H-Magnetic field intensity (A/m)
2.48
2.50
2.52
2.54
GND
VB
VCC
GND
VB
VCC
VCC=5V
4000
8000
12000
16000
H
H
232
232
Output voltage vs. Magnetic field intensity
0
H: Peak intensity of AC magnetic field
VCC=5V
50
100
150
200
4000
8000
12000
16000
H-Magnetic field intensity (A/m)
232
GND
VB
VCC
VA
H
Midpoint potential vs. Magnetic field direction
0
2.46
θ-Magnetic field direction (deg)
2.48
2.50
2.52
2.54
VA
VB
45
90
232
θ
H
VCC=5V
H=14400A/m
VA
GND
VCC
VB
–45
–90
Temperature characteristics
–20
50
100
150
200
020
40
60
Ta-Ambient temperature (°C)
800
700
600
500
400
RT
VO
H=14400A/m
AC Magnetic field
VCC=5V
80



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com