Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM-232 Datasheet(PDF) 1 Page - Sony Corporation

Part # DM-232
Description  Magnetoresistance Element
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

DM-232 Datasheet(HTML) 1 Page - Sony Corporation

  DM-232 Datasheet HTML 1Page - Sony Corporation DM-232 Datasheet HTML 2Page - Sony Corporation DM-232 Datasheet HTML 3Page - Sony Corporation DM-232 Datasheet HTML 4Page - Sony Corporation DM-232 Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
—1—
E88Z13D5X-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Description
DM-232 a magnetic sensor using magnetoresist-
ance effect is composed of ferromagnetic material
deposited by evaporation on a silicon substrate. It is
suitable for angle of rotation detection.
Features
• Low magnetic field and high sensitivity: bridge type
stands for large output voltage
150 mVp-p (Min.) at VCC=5 V, H=14400 A/m
• Fitted with bias magnet: stable output.
• High reliability: Achieved through silicon nitride
protective film.
Structure
Ferromagnetic thin film circuit (With ferrite magnet)
Applications
• Non-contact angle of rotation detection.
• Contactless potentiometer.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
10
V
• Storage temperature
Tstg
–30 to +100
°C
Recommended Operating Conditions
• Supply voltage
VCC
5V
• Operating temperature
Topr
–20 to + 75
°C
Magnetoresistance Element
M-118
(Plastic)
DM-232
Electrical Characteristics
Ta=25 °C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Output voltage
Midpoint potential
Midpoint potential
difference/Output voltage
Total resistance
VO
VA, VB
|VA-VB|
VO
RT
VCC=5 V , H=14400A/m (Peak)
AC magnetic field
θ =0 °
VCC=5 V , H=0 A/m
VCC=5 V , H=0 A/m
H=14400A/m (Peak)
AC magnetic field
θ =0 °
150
2.475
500
650
2.525
15
800
mVp-p
V
%
Ω
For the availability of this product, please contact the sales office.


Similar Part No. - DM-232

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
DM-231 SONY-DM-231 Datasheet
96Kb / 5P
Magnetoresistance Element
More results

Similar Description - DM-232

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
DM-106B SONY-DM-106B Datasheet
101Kb / 5P
Magnetoresistance Element
DM-231 SONY-DM-231 Datasheet
96Kb / 5P
Magnetoresistance Element
logo
Isahaya Electronics Cor...
BSO8D ISAHAYA-BSO8D Datasheet
682Kb / 15P
TRIGGER ELEMENT
logo
Kingtronics Internation...
RKT-3540S KINGTRONICS-RKT-3540S Datasheet
370Kb / 1P
WIREWOUND ELEMENT
logo
Nanjing Ouzhuo Technolo...
MMS105H OHHALLSENSOR-MMS105H Datasheet
449Kb / 5P
Tunneling Magnetoresistance Bipolar Switch
logo
Littelfuse
FLNR LITTELFUSE-FLNR_16 Datasheet
162Kb / 2P
Dual Element
logo
CUI INC
CPT-2064-L100 CUI-CPT-2064-L100 Datasheet
349Kb / 4P
PIEZO ELEMENT
CPT-2065-L100 CUI-CPT-2065-L100 Datasheet
307Kb / 4P
PIEZO ELEMENT
CPT-2745-L100 CUI-CPT-2745-L100 Datasheet
365Kb / 4P
PIEZO ELEMENT
logo
Festo Corporation.
192968 FESTO-192968 Datasheet
76Kb / 1P
Stop element
12/4/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com