Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM3100 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM3100
Description  High Performance Stereo 2Vrms Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM3100 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM3100 Datasheet HTML 3Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 4Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 5Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 6Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 7Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 8Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 9Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 10Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Preliminary Technical Data
WM3100
w
PTD, October 2010, Rev 2.0
7
DEVICE DESCRIPTION
INTRODUCTION
The WM3100 is a high-performance stereo line driver designed for Digital televisions, DVD, Blu-ray,
set-top box and gaming applications. It is packaged in a 14-pin SOIC.
The device comprises two fixed gain analogue channels. Input signals up to 1VRMS are supported, in
single-ended or differential configurations. The output driver drives up to 2.1VRMS, assuming a 3.3V
supply.
The inputs and outputs to the WM3100 are ground-referenced; an integrated charge pump circuit
generates the required negative supply rail from the single VDD supply.
The analogue outputs can be muted under control of a digital logic input. The outputs can also be set
to a high impedance state, supporting applications where a common external connector is used as
an input and an output.
INPUT SIGNAL PATH
The WM3100 supports two line input channels, which can each be used in single-ended or
differential circuit configurations, as illustrated in Figure 1, Figure 2 and Figure 3. The signal gain is
6.4dB in each case.
The input capacitor must be correctly selected as it affects the low cut-off frequency of the input
circuit. A low cut-off frequency is desirable as it means that there is no significant filtering of the 20Hz
to 20kHz audio frequency bandwidth.
Typically, the 3dB cut-off frequency for the line input should be around 10Hz. The WM3100 input
impedance is 24k
Ω (see “Electrical Characteristics”). Using the equations below, it follows that the
AC coupling capacitors should be approximately 1
μF (which gives a 3dB cut-off frequency around
7Hz).
Figure 1 Single-Ended Line Input (Inverting)
Figure 2 Single-Ended Line Input (Non-Inverting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com