Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM3100 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM3100
Description  High Performance Stereo 2Vrms Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM3100 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM3100 Datasheet HTML 1Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 2Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 3Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 4Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 5Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 6Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 7Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 8Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Preliminary Technical Data
WM3100
w
PTD, October 2010, Rev 2.0
3
PIN CONFIGURATION
ORDERING INFORMATION
ORDER CODE
TEMPERATURE RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM3100GED
-40
°C to +85°C
14-pin SOIC
MSL1
260
°C
WM3100GED/R
-40
°C to +85°C
14-pin SOIC
(Pb-free, Tape and reel)
MSL1
260
°C
Note:
Tube quantity = 56
Reel quantity = 3000
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
LINEOUT1
Analogue Output
Line output 1
2
LINEOUT2
Analogue Output
Line output 2
3
CPVOUTN
Analogue Output
Charge pump output decoupling pin
4
CPCB
Analogue Output
Charge pump fly-back capacitor pin
5
GND
Supply
Ground
6
CPCA
Analogue Output
Charge pump fly-back capacitor pin
7
VDD
Supply
Positive supply pin
8
OUTMODE
Digital Input
Output mode control pin
0 = Normal operation
1 = High impedance mute state
9
MUTE
¯¯¯¯¯
Digital Input
Mute control (only valid when OUTMODE = 0)
0 = Output muted
1 = Normal operation
10
IN2N
Analogue Input
Inverting input 2
11
IN2P
Analogue Input
Non-inverting input 2
12
IN1N
Analogue Input
Inverting input 1
13
IN1P
Analogue Input
Non-inverting input 1
14
LINEREF
Analogue Input
Line output reference (connect to GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com