Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX082AL Datasheet(PDF) 2 Page - Sony Corporation

Part # ICX082AL
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX082AL Datasheet(HTML) 2 Page - Sony Corporation

  ICX082AL Datasheet HTML 1Page - Sony Corporation ICX082AL Datasheet HTML 2Page - Sony Corporation ICX082AL Datasheet HTML 3Page - Sony Corporation ICX082AL Datasheet HTML 4Page - Sony Corporation ICX082AL Datasheet HTML 5Page - Sony Corporation ICX082AL Datasheet HTML 6Page - Sony Corporation ICX082AL Datasheet HTML 7Page - Sony Corporation ICX082AL Datasheet HTML 8Page - Sony Corporation ICX082AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
– 2 –
ICX082AL
Pin No.
Symbol
Description
Description
Pin No.
Symbol
Pin Description
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Substrate (overflow drain)
GND
Vertical register transfer clock
Protective transistor bias
GND
Output amplifier drain power
1
2
3
4
5
6
7
8
9
10
V
φ4
V
φ3
V
φ2
SUB
GND
V
φ1
VL
NC
GND
VDD
11
12
13
14
15
16
17
18
19
20
VOUT
VGG
VSS
GND
RD
RG
VL
H
φ1
H
φ2
HIS
Signal output
Output amplifier gate bias
Output amplifier source
GND
Reset drain
Reset gate clock
Protective transistor bias
Horizontal register transfer clock
Horizontal register transfer clock
Horizontal register input source bias
Block Diagram and Pin Configuration
(Top View)
1
2
3
4
5
6
9
7
10
11
12
13
14
Note)
GND
VDD
SUB
RG
H
φ1
15
16
17
18
19
20
HIS
VOUT
V
φ4
V
φ3
V
φ2
V
φ1
VL
GND
VGG
VSS
GND
RD
H
φ2
VL
Horizontal Register
Note)
: Photo sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com