Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX082AL Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX082AL
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX082AL Datasheet(HTML) 1 Page - Sony Corporation

  ICX082AL Datasheet HTML 1Page - Sony Corporation ICX082AL Datasheet HTML 2Page - Sony Corporation ICX082AL Datasheet HTML 3Page - Sony Corporation ICX082AL Datasheet HTML 4Page - Sony Corporation ICX082AL Datasheet HTML 5Page - Sony Corporation ICX082AL Datasheet HTML 6Page - Sony Corporation ICX082AL Datasheet HTML 7Page - Sony Corporation ICX082AL Datasheet HTML 8Page - Sony Corporation ICX082AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Description
The ICX082AL is an interline CCD solid-state
image sensor suitable for EIA black-and-white video
cameras with a diagonal 11mm (Type 2/3) system.
High sensitivity and low dark current are achieved
through the adoption of HAD (Hole-Accumulation
Diode) sensors.
This chip features a field period readout system
and an electronic shutter with variable charge-
storage time.
Features
• High sensitivity (+6dB compared with the ICX022BL)
• Low smear (–20dB compared with the ICX022BL)
• High resolution, Low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 11mm (Type 2/3)
• Number of effective pixels:
768 (H)
× 494 (V)
approx. 380K pixels
• Total number of pixels:
811 (H)
× 508 (V)
approx. 410K pixels
• Chip size:
10.25mm (H)
× 8.5mm (V)
• Unit cell size:
11.6µm (H)
× 13.5µm (V)
• Optical black:
Horizontal (H) direction: Front 3 pixels, rear 40 pixels
Vertical (V) direction:
Front 12 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 22
Vertical 1 (even fields only)
• Substrate material:
Silicon
– 1 –
ICX082AL
E95935C99
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
20 pin DIP (Ceramic)
Pin 1
V
3
40
2
12
Pin 11
H
Optical black position
(Top View)


Similar Part No. - ICX082AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX083AL SONY-ICX083AL Datasheet
233Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX084 SONY-ICX084 Datasheet
201Kb / 18P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX084 SONY-ICX084 Datasheet
189Kb / 17P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
More results

Similar Description - ICX082AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX038DLA SONY-ICX038DLA Datasheet
217Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX038DLB SONY-ICX038DLB Datasheet
201Kb / 19P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX039DLA SONY-ICX039DLA Datasheet
218Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX058CL SONY-ICX058CL Datasheet
203Kb / 18P
Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA Black-and-White Video Camera
ICX062AL SONY-ICX062AL Datasheet
225Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Camera
ICX076AL SONY-ICX076AL Datasheet
250Kb / 18P
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX083AL SONY-ICX083AL Datasheet
233Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX248AL SONY-ICX248AL Datasheet
220Kb / 20P
Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX422AL SONY-ICX422AL Datasheet
161Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Cameras
ICX423AL SONY-ICX423AL Datasheet
161Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com