Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8945 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 169 page
background image
Production Data
WM8945
w
PD, May 2011, Rev 4.1
13
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYNC tip offset above
GND
VB_PD = 0
VB_GAIN = 1
0
40
75
mV
Third order Low Pass
Filter response
(referenced to 100kHz)
RREF=187, RLOAD=75,
RSOURCE=75, 0dB gain
2.4MHz
-0.5
0
0.5
dB
5.13MHz
-0.5
-0.2
0.5
dB
9.04MHz
-3.0
-1.6
0
dB
13.32MHz
-11.0
-7.0
-3.0
dB
PSRR (with respect to
LDOVOUT)
100kHz
60
dB
Clocking
MCLK frequency
30Hz
27MHz
Hz
FLL output frequency
2.045
50
MHz
FLL lock time
2
ms
MICBIAS
Bias voltage (changes in
proportion to LDOVOUT)
MICBIAS
MICB_LVL = 0
2.7
V
MICB_LVL = 1
1.95
V
Bias Current source
3
mA
Output noise spectral
density
1kHz to 20kHz
15
nV/
Hz
PSRR (with respect to
LDOVDD)
217Hz
1kHz
70
85
dB
Analogue Reference Levels
Midrail Reference
Voltage (changes in
proportion to LDOVOUT)
VMID
VMID_REF_SEL = 1
VMID_CTRL=1
1.5
V
Bandgap Reference
BG_VSEL=01010
-10%
1.5
+10%
V
Note:
The maximum LDO output current is the total internal and external load capability; internal circuits of the WM8945 will typically
account for 25mA of this capacity.
TERMINOLOGY
1.
Signal-to-Noise Ratio (dB) – SNR is the difference in level between a full scale output signal and the device output
noise with no signal applied, measured over a bandwidth of 20Hz to 20kHz. This ratio is also called idle channel noise.
(No Auto-zero or Mute function is employed).
2.
Total Harmonic Distortion (dB) – THD is the difference in level between a 1kHz reference sine wave output signal and
the first seven harmonics of the output signal. The amplitude of the fundamental frequency of the output signal is
compared to the RMS value of the next seven harmonics and expressed as a ratio.
3.
Total Harmonic Distortion plus Noise (dB) – THD+N is the difference in level between a 1kHz reference sine wave
output signal and all noise and distortion products in the audio band. The amplitude of the fundamental reference
frequency of the output signal is compared to the RMS value of all other noise and distortion products and expressed
as a ratio.
4.
Mute Attenuation – This is a measure of the difference in level between the full scale output signal and the output with
mute applied.
5.
Power Supply Rejection Ratio (dB) – PSRR is a measure of ripple attenuation between a power supply rail and a
signal output path. With the signal path idle, a small sine wave ripple is applied to power supply rail. The amplitude of
the supply ripple is compared to the amplitude of the output signal generated and is expressed as a ratio.
6.
All performance measurements are carried out with 20kHz AES17 low pass filter for distortion measurements, and an
A-weighted filter for noise measurement. Failure to use such a filter will result in higher THD and lower SNR and
Dynamic Range readings than are found in the Electrical Characteristics. The low pass filter removes out-of-band
noise; although it is not audible, it may affect dynamic specification values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com