Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8945 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 169 page
background image
WM8945
Production Data
w
PD, May 2011, Rev 4.1
28
The digital microphone interface control fields are described in Table 6.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
Management 1
7
DMIC_ENA
0
Enables Digital Microphone mode
0 = Audio DSP input is from ADC
1 = Audio DSP input is from digital
microphone interface
When DMIC_ENA = 0, the Digital
microphone clock (DMICCLK) is
held low.
Table 6 Digital Microphone Interface Control
ANALOGUE-TO-DIGITAL CONVERTER (ADC)
The WM8945 uses a 24-bit sigma-delta ADC. The use of multi-bit feedback and high oversampling
rates reduces the effects of jitter and high frequency noise. The ADC full-scale input level is
proportional to LDOVOUT. See “Electrical Characteristics” section for further details. Any input signal
greater than full scale may overload the ADC and cause distortion.
The ADCs and associated digital record filters are enabled by the ADCL_ENA register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
Management
1
10
ADCL_ENA
0
Left ADC Enable
0 = Disabled
1 = Enabled
ADCL_ENA must be set to 1 when
processing left channel data from
the ADC or Digital Microphone.
Table 7 ADC Enable Control
ADC VOLUME CONTROL
The output of the ADC can be digitally amplified or attenuated over a range from -71.625dB to
+23.625dB in 0.375dB steps. The volume of each channel is controlled using ADCL_VOL. The ADC
Volume is part of the ADC Digital Filters block. The gain for a given eight-bit code X is given by:
0.375
 (X-192) dB for 1  X  255;
MUTE for X = 0
The ADC_VU bit controls the loading of digital volume control data. The ADCL_VOL control data is
only loaded into the respective control register when ADC_VU = 1.
The output of the ADC can be digitally muted using the ADCL_MUTE or ADC_MUTEALL bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com