Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8948 Datasheet(PDF) 154 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 154 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 158Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
154
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R56 (38h)
Touch
Control 2
11
TCH_PDONLY
0
Select Automatic conversions only when Pen Down is
detected. (No effect on Manual conversion.)
0 = Normal
1 = Pen-Down only
8
TCH_ISEL
0
Pressure measurement current select
0 = 230uA
1 = 460uA
3:0
TCH_RPU[3:0]
0111
Pen-Down sensitivity (pull-up resistor)
0000 = 64k (most sensitive)
0001 = 64k / 2
0010 = 64k / 3
0011 = 64k / 4
….
1111 = 64k / 16 (least sensitive)
Register 38h Touch Control 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R57 (39h)
Touch Data
X
15
TCH_PD1
0
Pen down status (indicates if the Pen Down was
detected prior to the TP measurement)
0 = Pen Down not detected
1 = Pen Down detected
11:0
TCH_X[11:0]
0000_0000
_0000
Touch panel X-axis data
Register 39h Touch Data X
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R58 (3Ah)
Touch Data
Y
15
TCH_PD2
0
Pen down status (indicates if the Pen Down was
detected prior to the TP measurement)
0 = Pen Down not detected
1 = Pen Down detected
11:0
TCH_Y[11:0]
0000_0000
_0000
Touch panel Y-axis data
Register 3Ah Touch Data Y
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R59 (3Bh)
Touch Data
Z
15
TCH_PD3
0
Pen down status (indicates if the Pen Down was
detected prior to the TP measurement)
0 = Pen Down not detected
1 = Pen Down detected
11:0
TCH_Z[11:0]
0000_0000
_0000
Touch panel Z-axis data
Register 3Bh Touch Data Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com