Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8948 Datasheet(PDF) 156 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 156 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 160Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
156
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R63 (3Fh)
AuxADC
Config
9
AUX_AUX1_FI
LTB
0
AUXADC Battery (SPKVDD) measurement filter control
0 = Disabled
1 = Enabled
When AUX_AUX1_FILTB is set, the Battery (SPKVDD)
measurement point is connected to the AUX1 pin,
allowing an external capacitor to be used to filter noise.
8
AUX_BATT_S
CALE
1
AUXADC Battery (SPKVDD) measurement divider
control
0 = 0.45 x SPKVDD
(Note that 0.45 x 3.3V = 1.485V)
1 = 0.41 x SPKVDD
(Note that 0.41 x 3.6V = 1.476V)
1
AUX_AUX2_R
EF
0
AUXADC AUX2 reference select
0 = LDOVDD/2
1 = 1.5V (nominal) Bandgap
0
AUX_AUX1_R
EF
0
AUXADC AUX1 reference select
0 = LDOVDD/2
1 = 1.5V (nominal) Bandgap
Register 3Fh AuxADC Config
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R64 (40h)
SE Config
Selection
3:0
SE_CONFIG
[3:0]
0000
DSP Configuration Mode select
0000 = Record mode
0001 = Playback mode
0010 = Reserved
0011 = Reserved
Register 40h SE Config Selection
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R65 (41h)
SE1_LHPF_
CONFIG
5
SE1_LHPF_R_
SIGN
0
SE1_LHPF_R_SIGN
0 : sum internal result (LPF)
1 : sub internal result (HPF)
4
SE1_LHPF_L_
SIGN
0
SE1_LHPF_L_SIGN
0 : sum internal result (LPF)
1 : sub internal result (HPF)
1
SE1_LHPF_R_
ENA
0
SE1 Right channel low-pass / high-pass filter enable
0 = Disabled
1 = Enabled
0
SE1_LHPF_L_
ENA
0
SE1 Left channel low-pass / high-pass filter enable
0 = Disabled
1 = Enabled
Register 41h SE1_LHPF_CONFIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com