Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8960CGEFL/V Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM8960CGEFL/V
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/V Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8960CGEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 91 page
background image
WM8960
Production Data
w
PD, October 2011, Rev 4.1
50
Figure 28 I
2S Justified Audio Interface (assuming n-bit word length)
In DSP/PCM mode, the left channel MSB is available on either the 1
st (mode B) or 2nd (mode A) rising
edge of BCLK (selectable by LRP) following a rising edge of LRC. Right channel data immediately
follows left channel data. Depending on word length, BCLK frequency and sample rate, there may be
unused BCLK cycles between the LSB of the right channel data and the next sample.
In device master mode, the LRC output will resemble the frame pulse shown in Figure 29 and Figure
30. In device slave mode, Figure 31 and Figure 32, it is possible to use any length of frame pulse less
than 1/fs, providing the falling edge of the frame pulse occurs greater than one BCLK period before
the rising edge of the next frame pulse.
Figure 29 DSP/PCM Mode Audio Interface (mode A, LRP=0, Master)
Figure 30 DSP/PCM Mode Audio Interface (mode B, LRP=1, Master)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com