Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8976CGEFL/RV Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 76Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 77Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 78Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 79Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 80Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 81Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 82Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 83Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 114 page
background image
WM8976
Production Data
w
PD, Rev 4.5, November 2011
80
RECOMMENDED POWER UP/DOWN SEQUENCE
In order to minimise output pop and click noise, it is recommended that the WM8976 device is
powered up and down using one of the following sequences:
Power-up when NOT using the output 1.5x boost stage:
1.
Turn on external power supplies. Wait for supply voltage to settle.
2.
Mute all analogue outputs.
3.
Set L/RMIXEN = 1 and DACENL/R = 1 in register R3.
4.
Set BUFIOEN = 1 and VMIDSEL[1:0] to required value in register R1. Wait for the VMID supply
to settle. *Refer notes 1 and 2.
5.
Set BIASEN = 1 in register R1.
6.
Set L/ROUT1EN = 1 in register R2.
7.
Enable other mixers as required.
8.
Enable other outputs as required.
9.
Set remaining registers.
Power-up when using the output 1.5x boost stage:
1.
Turn on external power supplies. Wait for supply voltage to settle.
2.
Mute all analogue outputs.
3.
Enable unused output chosen from L/ROUT2, OUT3 or OUT4. If unused output not available,
chose one of these outputs not required at power up.
4.
Set BUFDCOPEN = 1 and BUFIOEN = 1 in register R1.
5.
Set SPKBOOST = 1 in register R49.
6.
Set VMIDSEL[1:0] to required value in register R1. Wait for the VMID supply to settle. *Refer
notes 1 and 2.
7.
Set L/RMIXEN = 1 and DACENL/R = 1 in register R3.
8.
Set BIASEN = 1 in register R1.
9.
Set L/ROUT2EN = 1 in register R3. *Note 3.
10. Enable other mixers as required.
11. Enable other outputs as required.
12. Set remaining registers.
Power Down (all cases):
1.
Mute all analogue outputs.
2.
Disable Power Management Register 1. R1 = 0x00.
3.
Disable Power Management Register 2. R2 = 0x00.
4.
Disable Power Management Register 3. R3 = 0x00.
5.
Remove external power supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com