Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8976CGEFL/RV Datasheet(PDF) 82 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 82 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 78Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 79Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 80Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 81Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 82Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 83Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 84Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 85Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 86Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 114 page
background image
WM8976
Production Data
w
PD, Rev 4.5, November 2011
82
Notes:
1.
The analogue input pin charge time, tmidrail_on, is determined by the VMID pin charge time. This
time is dependent upon the value of VMID decoupling capacitor and VMID pin input resistance
and AVDD power supply rise time.
2.
The analogue input pin discharge time, tmidrail_off, is determined by the analogue input coupling
capacitor discharge time. The time, tmidrail_off, is measured using a 1μF capacitor on the analogue
input but will vary dependent upon the value of input coupling capacitor.
3.
While the ADC is enabled there will be LSB data bit activity on the ADCDAT pin due to system
noise but no significant digital output will be present.
4.
The VMIDSEL and BIASEN bits must be set to enable analogue input midrail voltage and for
normal ADC operation.
5.
ADCDAT data output delay from power –p – with power supplies starting from –V – is
determined primarily by the VMID charge time. ADC initialisation and power management bits
may be set immediately after POR is released; VMID charge time will be significantly longer and
will dictate when the device is stabilised for analogue input.
6.
ADCDAT data output delay at power up from device standby (power supplies already applied) is
determined by ADC initialisation time, 2/fs.
Figure 46 DAC Power Up and Down Sequence (not to scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com