Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8976CGEFL/RV Datasheet(PDF) 112 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 112 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 106Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 107Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 108Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 109Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 110Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 111Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 112Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 113Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 114Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 112 / 114 page
background image
WM8976
Production Data
w
PD, Rev 4.5, November 2011
112
PACKAGE DIAGRAM
DM101.A
FL: 32 PIN QFN PLASTIC PACKAGE 5 X 5 X 0.9 mm BODY, 0.50 mm LEAD PITCH
E2
b
B
16
15
8
9
e
C
0.08
C
ccc
A
A1
C
A3
SEATING PLANE
1
L
INDEX AREA
(D/2 X E/2)
TOP VIEW
D
C
aaa
2 X
C
aaa
2 X
E
1
17
24
25
32
D2
B
C
bbb M
A
5
4
NOTES:
1. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.15 mm AND 0.30 mm FROM TERMINAL TIP.
2. FALLS WITHIN JEDEC, MO-220, VARIATION VHHD-5.
3. ALL DIMENSIONS ARE IN MILLIMETRES.
4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JEDEC 95-1 SPP-002.
5. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
6. REFER TO APPLICATION NOTE WAN_0118 FOR FURTHER INFORMATION REGARDING PCB FOOTPRINTS AND QFN PACKAGE SOLDERING.
7. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
DETAIL 1
A3
G
T
H
W
b
Exposed lead
Half etch tie bar
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
A1
A3
0.80
0.90
1.00
0.05
0.02
0
0.203 REF
b
D
D2
E
E2
e
L
0.30
0.18
5.00 BSC
3.60
3.45
3.30
0.50 BSC
0.30
0.40
0.50
1
2
2
5.00 BSC
3.60
3.45
3.30
0.10
aaa
bbb
ccc
REF:
0.15
0.10
JEDEC, MO-220, VARIATION VHHD-5.
Tolerances of Form and Position
0.25
H
0.1
0.20
G
T
0.103
W
0.15
DETAIL 1
DETAIL 2
DETAIL 2
EXPOSED
GROUND
PADDLE
6
EXPOSED
GROUND
PADDLE
BOTTOM VIEW
SIDE VIEW
0.30
45°
M
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com