Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8978CGEFL/RV Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/RV Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 118 page
background image
WM8978
Production Data
w
PD, Rev 4.5, October 2011
34
NOTCH FILTER WORKED EXAMPLE
The following example illustrates how to calculate the a0 and a1 coefficients for a desired centre
frequency and -3dB bandwidth.
Fc = 1000 Hz
fb = 100 Hz
fs = 48000 Hz
s
c
f
f
w
/
2
0
=
2
x (1000 / 48000) = 0.1308996939 rads
s
b
b
f
f
w
/
2
=
2
x (100 / 48000) = 0.01308996939 rads
)
2
/
tan(
1
)
2
/
tan(
1
0
b
b
w
w
a
=
)
2
/
9
0130899693
.
0
tan(
1
)
2
/
9
0130899693
.
0
tan(
1
= 0.9869949627
)
cos(
)
1
(
0
0
1
w
a
a
=
)
1308996939
.
0
cos(
)
9869949627
.
0
1
(
= -
1.969995945
NFA0 = -a0 x 213 = -8085 (rounded to nearest whole number)
NFA1 = -a1 x 212 = 8069 (rounded to nearest whole number)
These values are then converted to a 2’s complement notation:
NfnA0[12:0] = 13’h1F95; Converting to 2’s complement NFA0 = 14’h4000 – 14’h1F95 = 14’h206B
NfnA1[12:0] = 13’h1F85; Converting to 2’s complement NFA0 = 14’h1F85
DIGITAL ADC VOLUME CONTROL
The output of the ADCs can be digitally attenuated over a range from –127dB to 0dB in 0.5dB steps.
The gain for a given eight-bit code X is given by:
0.5
 (G-255) dB for 1  G  255;
MUTE for G = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com