Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8978CGEFL/RV Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/RV Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/RV Datasheet HTML 69Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 70Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 72Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 73Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 74Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 75Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 76Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
73
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4
Audio
Interface
Control
0
MONO
0
Selects between stereo and mono
device operation:
0=Stereo device operation
1=Mono device operation. Data appears
in ‘left’ phase of LRC
1
ADCLRSWAP
0
Controls whether ADC data appears in
‘right’ or ‘left’ phases of LRC clock:
0=ADC data appear in ‘left’ phase of
LRC
1=ADC data appears in ‘right’ phase of
LRC
2
DACLRSWAP
0
Controls whether DAC data appears in
‘right’ or ‘left’ phases of LRC clock:
0=DAC data appear in ‘left’ phase of
LRC
1=DAC data appears in ‘right’ phase of
LRC
4:3
FMT
10
Audio interface Data Format Select:
00=Right Justified
01=Left Justified
10=I
2S format
11= DSP/PCM mode
6:5
WL
10
Word length
00=16 bits
01=20 bits
10=24 bits
11=32 bits (see note)
7
LRP
right, left and i2s modes – LRCLK
polarity
1 = invert LRCLK polarity
0 = normal LRCLK polarity
DSP Mode – mode A/B select
1 = MSB is available o
n 1st BCLK rising
edge after LRC rising edge (mode B)
0 = MSB is available o
n 2nd BCLK rising
edge after LRC rising edge (mode A)
8
BCP
BCLK polarity
0=normal
1=inverted
Table 53 Audio Interface Control
ADCLRSWAP bit controls whether the ADC data appears in the right or left phase of the LRC clock
as defined for each audio format. Similarly, DACLRSWAP can be used to swap the left DAC data
from the left phase to the right phase of the LRC clock and the right DAC data from the right phase to
the left phase of the LRC clock.
Note:
Right Justified Mode will only operate with a maximum of 24 bits. If 32-bit mode is selected, the
device will operate in 24-bit mode.
AUDIO INTERFACE CONTROL
The register bits controlling audio format, word length and master / slave mode are summarised
below. The audio interfaces can be controlled individually.
Register bit MS selects audio interface operation in master or slave mode. In Master mode BCLK,
and LRC are outputs. The frequency of BCLK in master mode are controlled with BCLKDIV. These
are divided down versions of master clock. .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com