Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8985 Datasheet(PDF) 59 Page - Wolfson Microelectronics plc

Part # WM8985
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985 Datasheet(HTML) 59 Page - Wolfson Microelectronics plc

Back Button WM8985_09 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 63Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
59
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
DAC digital
limiter control
1
3:0
LIMATK
0010
Limiter Attack time (per 6dB gain
change) for 44.1kHz sampling. Note
that these are proportionally related to
sample rate.
0000 = 94us
0001 = 188s
0010 = 375us
0011 = 750us
0100 = 1.5ms
0101 = 3ms
0110 = 6ms
0111 = 12ms
1000 = 24ms
1001 = 48ms
1010 = 96ms
1011 to 1111 = 192ms
7:4
LIMDCY
0011
Limiter Decay time (per 6dB gain
change) for 44.1kHz sampling. Note
that these are proportionally related to
sample rate:
0000 = 750us
0001 = 1.5ms
0010 = 3ms
0011 = 6ms
0100 = 12ms
0101 = 24ms
0110 = 48ms
0111 = 96ms
1000 = 192ms
1001 = 384ms
1010 = 768ms
1011 to 1111 = 1.536s
8
LIMEN
0
Enable the DAC digital limiter:
0=disabled
1=enabled
R25 (19h)
DAC digital
limiter control
2
3:0
LIMBOOST
0000
Limiter volume boost (can be used as a
stand alone volume boost when
LIMEN=0):
0000 = 0dB
0001 = +1dB
0010 = +2dB
0011 = +3dB
0100 = +4dB
0101 = +5dB
0110 = +6dB
0111 = +7dB
1000 = +8dB
1001 = +9dB
1010 = +10dB
1011 = +11dB
1100 = +12dB
1101 to 1111 = reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com