Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8985 Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8985
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985 Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8985_09 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
73
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R56 (38h)
OUT3 mixer
control
6
OUT3MUTE
0
0 = Output stage outputs OUT3 mixer
1 = Output stage muted
3
OUT4_2OUT3
0
OUT4 mixer output to OUT3
0 = disabled
1 = enabled
2
BYPL2OUT3
0
Left ADC input to OUT3
0 = disabled
1 = enabled
1
LMIX2OUT3
0
Left DAC mixer to OUT3
0 = disabled
1 = enabled
0
LDAC2OUT3
1
Left DAC output to OUT3
0 = disabled
1 = enabled
R57 (39h)
OUT4 mixer
control
7
OUT3_2OUT4
0
OUT3 mixer output to OUT4
0 = disabled
1 = enabled
6
OUT4MUTE
0
0 = Output stage outputs OUT4 mixer
1 = Output stage muted
5
OUT4ATTN
0
0 = OUT4 normal output
1 = OUT4 attenuated by 6dB
4
LMIX2OUT4
0
Left DAC mixer to OUT4
0 = disabled
1 = enabled
3
LDAC2OUT4
0
Left DAC to OUT4
0 = disabled
1 = enabled
2
BYPR2OUT4
0
Right ADC input to OUT4
0 = disabled
1 = enabled
1
RMIX2OUT4
0
Right DAC mixer to OUT4
0 = disabled
1 = enabled
0
RDAC2OUT4
1
Right DAC output to OUT4
0 = disabled
1 = enabled
Table 38 OUT3/OUT4 Mixer Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com