Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8351 Datasheet(PDF) 81 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 81 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 85Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
81
The gain for microphone pre-amp and auxiliary input (IN3L/IN3R) signals can be independently
adjusted for each output mixer. This does not affect the volume of the same signals going into the
separate record mixer. The level of the DAC output signals can be adjusted using the DAC’s digital
volume control function (see Table 32).
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R96 (60h)
Output Left
Mixer
Volume
3:1
INL_MIXOUTL_VOL
[2:0]
000
Left input PGA volume control to left
output mixer.
000 = Path disabled (disconnected)
001 = -12dB gain through mixer
010 = -9dB gain through mixer
…
111 = +6dB gain through mixer
7:5
INR_MIXOUTL_VO
L [2:0]
000
Right input PGA volume control to left
output mixer.
000 = Path disabled (disconnected)
001 = -12dB gain through mixer
010 = -9dB gain through mixer
…
111 = +6dB gain through mixer
11:9
IN3L_MIXOUTL_VO
L [2:0]
000
IN3L amplifier volume control to left
output mixer
000 = Path disabled (disconnected)
001 = -12dB gain through mixer
010 = -9dB gain through mixer
…
111 = +6dB gain through mixer
R97 (61h)
Output Right
Mixer
Volume
3:1
INL_MIXOUTR_VO
L [2:0]
000
Left input PGA volume control to right
output mixer.
000 = Path disabled (disconnected)
001 = -12dB gain through mixer
010 = -9dB gain through mixer
…
111 = +6dB gain through mixer
7:5
INR_MIXOUTR_VO
L [2:0]
000
Right input PGA volume control to right
output mixer.
000 = Path disabled (disconnected)
001 = -12dB gain through mixer
010 = -9dB gain through mixer
…
111 = +6dB gain through mixer
15:13
IN3R_MIXOUTR_V
OL [2:0]
000
IN3R amplifier volume control to right
output mixer.
000 = Path disabled (disconnected)
001 = -12dB gain through mixer
010 = -9dB gain through mixer
…
111 = +6dB gain through mixer
Table 39 Controlling the Gain of Signals Going into the Output Mixers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com