Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8351 Datasheet(PDF) 89 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 89 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 93Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
89
OUT3 can provide a buffered midrail headphone pseudo-ground, or a left line output. It can also be a
common mode input for OUT2L/OUT2R. OUT4 can provide a buffered midrail headphone pseudo-
ground, a right line output, or a mono mix output. It can also be mixed into the input boost mixer for
recording.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R92 (5Ch)
OUT3 Mixer
11
DACL_TO_OUT3
0
Left DAC output to OUT3
0 = disabled
1 = enabled
8
MIXINL_TO_OUT3
0
Left input mixer to OUT3
0 = disabled
1 = enabled
3
OUT4_TO_OUT3
0
OUT4 mixer to OUT3
0 = disabled
1 = enabled
0
MIXOUTL_TO_OUT
3
0
Left output mixer to OUT3
0 = disabled
1 = enabled
R92 (5Ch)
OUT3 Mixer
15
OUT3_ENA
0
OUT3 enable
0 = disabled
1 = enabled
R9 (09h)
Power Mgmt 2
4
Note:
OUT3_ENA can be accessed through R92 or R9. Reading from or writing to either register
location has the same effect.
Table 44 Controlling the OUT3 Mixer
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R93 (5Dh)
OUT4 Mixer
12
DACR_TO_OUT4
0
Right DAC output to OUT4
0 = disabled
1 = enabled
11
DACL_TO_OUT4
0
Left DAC output to OUT4
0 = Disabled
1 = Enabled
10
OUT4_ATT
0
Reduce OUT4 output by 6dB
0 = Output at normal level
1 = Output reduced by 6dB
9
MIXINR_TO_OUT4
0
Right input mixer to OUT4
0 = disabled
1 = enabled
2
OUT3_TO_OUT4
0
OUT3 mixer to OUT4
This function is not supported
1
MIXOUTR_TO OUT4
0
Right output mixer to OUT4
0 = Disabled
1 = Enabled
0
MIXOUTL_TO_OUT4
0
Left output mixer to OUT4
0 = disabled
1 = enabled
R93 (5Dh)
OUT4 Mixer
15
OUT4_ENA
0
OUT4 enable
0 = disabled
1 = enabled
R9 (09h)
Power Mgmt 2
5
Note:
OUT4_ENA can be accessed through R93 or R9. Reading from or writing to either register
location has the same effect.
Table 45 Controlling the OUT4 Mixer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com