Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8351 Datasheet(PDF) 134 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 134 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 138Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
134
14.7 CONFIGURING THE LDO REGULATORS
The configuration of the LDO Regulators is described in the following sections. Some of the control
fields form part of the Custom Mode configuration settings and therefore will not require to be set in
software in some applications.
14.7.1
LDO REGULATOR ENABLE
The LDO Regulators can be enabled in software using the register fields defined in Table 82. To
reduce supply in-rush current, individual regulators should be programmed to start in different time
slots within the start-up sequence.
In the WM8351 ACTIVE state, the LDO Regulators can be enabled in software using the LDOn_ENA
bits. Setting these bits whilst in the Pre-Active state (see Figure 65) will not immediately enable the
corresponding LDO Regulators; these bits will only become effective once the WM8351 has reached
the ACTIVE state.
Each Regulator may be programmed to switch on in a selected timeslot within the start-up sequence.
The WM8351 will set the LDOn_ENA field for any LDO Regulator that is enabled during the start-up
sequence. Note that setting the LDOn_ENSLOT fields in software is only relevant to the Development
Mode, as these fields are assigned preset values in each of the Custom Modes.
Each Regulator may be programmed to switch off in a selected timeslot within the shutdown
sequence. If a Regulator is not allocated to one of the 14 shutdown timeslots, it will be disabled when
the WM8351 enters the OFF state.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R13 (0Dh) or
R176 (B0h)
DC-DC / LDO
requested
8
LDO1_ENA
0
LDO1 enable
0 = disabled
1 = enabled
Note: internal conditions may prevent the
converter from actually switching on -
see DCDC/LDO Status register for actual
converter status.
9
LDO2_ENA
0
LDO2 enable
0 = disabled
1 = enabled
Note: internal conditions may prevent the
converter from actually switching on -
see DCDC/LDO Status register for actual
converter status.
10
LDO3_ENA
0
LDO3 enable
0 = disabled
1 = enabled
Note: internal conditions may prevent the
converter from actually switching on -
see DCDC/LDO Status register for actual
converter status.
11
LDO4_ENA
0
LDO4 enable
0 = disabled
1 = enabled
Note: internal conditions may prevent the
converter from actually switching on -
see DCDC/LDO Status register for actual
converter status.
Note:
These bits can be accessed through R13 or through R176. Reading from or writing to either
register location has the same effect.
R201 (C9h)
for LDO1
R204 (CCh)
for LDO2
13:10
LDOn_ENSL
OT [3:0]
0000
Time slot for LDOn start-up
0000 = Disabled (do not start up)
0001 = Start-up in time slot 1
… (total 14 slots available)
1110 = Start-up in time slot 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com