Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8351 Datasheet(PDF) 141 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 141 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 145Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
141
14.8.3
DC-DC STEP UP CONVERTER
DC-DC Converter 2 is a versatile step-up pulse-width-modulated (PWM) DC-DC converter designed
to deliver high power efficiency across full load conditions. The converter can also be used as a
switch.
DC-DC Converter 2 is designed with a fixed frequency current mode architecture. The clock
frequency is set by the internal RC oscillator, which provides a 1.0MHz clock.
The PVDD supply pin provides the core supply for DC-DC Converter 2.
The connections to DC-DC Converter 2 in Constant Voltage Mode are illustrated in Figure 70. See
Section 29.4 for details of the connections for the Constant Current and USB operating modes of the
DC-DC Step-Up Converter.
Figure 70 Step-Up DC-DC Converter Connections
The external components at the converter output are required by the DC-DC Converter integral loop
compensation circuit. Note that the recommended output capacitor Cout varies according to the
required output voltage.
See Section 29.4 for details of the recommended external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com