Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8351 Datasheet(PDF) 146 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 146 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 150Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
146
16 CURRENT SINKS (LED DRIVERS)
16.1 GENERAL DESCRIPTION
The WM8351 includes four pins for driving different types of LEDs.
The ISINKA pin provides a programmable constant-current sink designed to drive a string of serially
connected LEDs, including white LEDs used in display backlights or in camera flash applications.
Using ISINKA in conjunction with DC-DC Converter 2 provides a particularly power-efficient way to
drive such LED strings. The ground connection associated with this Current Sink is the SINKGND pin.
ISINKC, ISINKD and ISINKE are regular open-drain outputs. They are alternate functions of the
GPIO10, GPIO11 and GPIO12 pins respectively. These GPIOs are provided on the LINE power
domain; the associated ground connection is the GND pin.
16.2 CONSTANT-CURRENT SINK
ISINKA is a dedicated LED driver pin equipped with a programmable constant current sink. It is
designed to drive a string of serially connected white LEDs such as those used in display backlights
or photo-flash applications. Powering LEDs in this way is particularly power efficient because no
series resistor is required. DC-DC converter 2, operating as a current-controlled voltage source, is an
ideal power source for LED strings. This converter can generate voltages higher than BATT or LINE,
which can overcome the combined forward voltages of long LED strings (e.g. a string of 7 white LEDs
with a forward voltage of 4V requires at least 28V).
16.2.1
ENABLING THE SINK CURRENT
In Active mode, ISINKA can be enabled in software using the CS1_ENA register field defined in Table
96. If required, the Current Sink function may also be controlled by the Hibernate bit.
Note that these control bits do not exist for ISINKC, ISINKD or ISINKE.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R14 (0Eh)
Power mgmt
(7)
0
CS1_ENA
0
Current Sink 1 enable (ISINKA pin)
0 = disabled
1 = enabled
R172 (ACh)
Current Sink
Driver A
15
12
CS1_HIB_MO
DE
0
Current Sink 1 behaviour in Hibernate
mode
0 = disable current sink in Hibernate
1 = leave current sink as in Active
Note:
CS1_ENA can be accessed through R14 or through R172. Reading from or writing to either
register location has the same effect.
Table 96 Enabling ISINKA
When ISINKA is used in conjunction with DC-DC Converter 2, the ISINK should always be switched
on before the DC-DC Converter is switched on. Conversely, the DC-DC Converter should always be
switched off before the ISINK is switched off. If high voltages are used, additional external
components may also be needed to protect the WM8351.
16.2.2
PROGRAMMING THE SINK CURRENT
The sink current for ISINKA can be programmed by writing to the CS1_ISEL register bit. The current
steps are logarithmic to match the logarithmic light sensitivity characteristic of the human eye. The
step size is 1.5dB (i.e. the current doubles every four steps).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com