Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8351 Datasheet(PDF) 167 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 167 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 164Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 165Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 171Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
167
18 SYSTEM MONITORING AND UNDERVOLTAGE LOCKOUT (UVLO)
The WM8351 includes several mechanisms to prevent the system from starting up, or force it to shut
down, when power sources are critically low.
The under-voltage lockout (UVLO) is a non-programmable voltage limit. When the available supplies
are below this limit, the WM8351 enters the BACKUP state. The WM8351 can only proceed from
BACKUP to the OFF state if LINE is above the UVLO level. Whenever the WM8351 is in ACTIVE,
HIBERNATE or OFF state and LINE falls below the UVLO level, the WM8351 returns to the BACKUP
state.
The UVLO limit threshold is equal to VRTC + 50mV. The precise value of VRTC may vary between
devices, within the limits defined in the Electrical Characteristics (see Section 7.5).
The startup threshold is a programmable voltage limit. The WM8351 can only proceed from OFF to
the ACTIVE state if LINE is above the startup threshold. (Note that, in the case of USB-powered
operation, there are additional voltage requirements; see Section 17.4.). The startup threshold is
determined by the PCCMP_ON_THR register field.
The shutdown threshold is determined by the PCCMP_OFF_THR register field. When LINE falls
below this threshold, the WM8351 raises a SYS_HYST_COMP_FAIL_EINT interrupt. In addition, the
WM8351 takes the action set by PCCOMP_ERRACT. If this bit is set, then the WM8351 will shut
down in response to the LINE voltage falling below the shutdown threshold.
The startup and shutdown control register fields are described in Table 112. Note that the startup
threshold should always be set higher than the shutdown threshold in order to create a hysteresis,
making the system more stable.
The SYS_HYST_COMP_FAIL_EINT interrupt is one of the second-level interrupts which triggers a
first-level System Interrupt, SYS_INT (see Section 24). This can be masked by setting the mask bit as
described in Table 113.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R179 (B3h)
Power Check
Comparator
14
PCCMP_ER
RACT
0
Action to take when LINE falls below
PCCMP_OFF_THR level (as well as
generating an interrupt)
0 = ignore
1 = shut down system
6:4
PCCMP_OF
F_THR [2:0]
010
Power check comparator system shutdown
threshold value
000 = 2.9V
001 = 3.0V
…
111 = 3.6V
Protected by security key.
2:0
PCCMP_ON
_THR [2:0]
101
Power check comparator system startup
threshold value
000 = 2.9V
001 = 3.0V
…
111 = 3.6V
Protected by security key.
Table 112 Battery Monitoring and UVLO Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com