Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8352 Datasheet(PDF) 51 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 51 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 55Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
51
SYSCLK
ADC / DAC SAMPLE
RATE DIVIDER
CLOCKING MODE
ADC / DAC
SAMPLE RATE
12.2880 MHz
000 = SYSCLK / 1
Normal
(256 * Fs)
48 kHz
001 = SYSCLK / 1.5
32 kHz
010 = SYSCLK / 2
24 kHz
011 = SYSCLK / 3
16 kHz
100 = SYSCLK / 4
12 kHz
101 = SYSCLK / 5.5
Not used
110 = SYSCLK / 6
8 kHz
111 = Reserved
Reserved
11.2896 MHz
000 = SYSCLK / 1
Normal
(256 * Fs)
44.1 kHz
001 = SYSCLK / 1.5
Not used
010 = SYSCLK / 2
22.05 kHz
011 = SYSCLK / 3
Not used
100 = SYSCLK / 4
11.025 kHz
101 = SYSCLK / 5.5
8.018 kHz
110 = SYSCLK / 6
Not used
111 = Reserved
Reserved
12.0000 MHz
000 = SYSCLK / 1
USB
(272 * Fs)
44.118 kHz
001 = SYSCLK / 1.5
Not used
010 = SYSCLK / 2
22.059 kHz
011 = SYSCLK / 3
Not used
100 = SYSCLK / 4
11.029 kHz
101 = SYSCLK / 5.5
8.021 kHz
110 = SYSCLK / 6
Not used
111 = Reserved
Reserved
2.0480 MHz
000 = SYSCLK / 1
Normal
(256 * Fs)
8 kHz
001 = SYSCLK / 1.5
Not used
010 = SYSCLK / 2
Not used
011 = SYSCLK / 3
Not used
100 = SYSCLK / 4
Not used
101 = SYSCLK / 5.5
Not used
110 = SYSCLK / 6
Not used
111 = Reserved
Reserved
Table 10 Derivation of Sample Rates in Normal / USB Modes
Note that, in USB mode, the ADC / DAC sample rates do not match exactly with the commonly used
sample rates (eg. 44.118 kHz instead of 44.100 kHz). At most, the difference is less than 0.5%,
which is within normal accepted tolerances. Data recorded at 44.100 kHz sample rate and replayed
at 44.118 kHz will experience a slight (sub 0.5%) pitch shift as a result of this difference.
Note: USB mode cannot be used to generate a 48kHz samples rate from a 12MHz MCLK; the FLL
should be used in this case.
The user must ensure correct synchronisation of data across the digital interfaces. This is particularly
important when different sample rates are used, as described above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com