Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8352 Datasheet(PDF) 58 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 58 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 62Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
58
12.4.1
EXAMPLE FLL CALCULATION
To generate 12.288 MHz output (FOUT) from a 12.000 MHz reference clock (FREF):
Determine FLL_OUTDIV for the required output frequency as given by Table 16:
For FOUT = 12.288 MHz, FLL_OUTDIV = 2h (divide by 8)
Calculate FVCO for the given FLL_OUTDIV:
FVCO = FOUT * FLL_OUTDIV = 12.288 MHz * 8 = 98.304 MHz
Calculate the required N.K x FLL_RATIO for the given FREF and FVCO.:
N.K x FLL_RATIO = FVCO / FREF = 8.192
Determine FLL_REF_FREQ for the given FREF as given by Table 17:
For FREF = 12MHz, FLL_REF_FREQ = 0
Determine FLL_RATIO as given by Table 17:
For High Frequency Reference, FLL_RATIO = 1
Calculate N.K for the given FLL_RATIO:
N.K = 8.192 / 1 = 8.192
Determine FLL_N and FLL_K from the integer and fractional portions of N.K:
FLL_N is 8. FLL_K is 0.192
Set FLL_FRAC according to whether fractional mode is required:
FLL_K is 0.192, so fractional mode is required; FLL_FRAC = 1
Note that, for best performance, FLL Fractional Mode should always be used. If the calculations yield
an integer value of N.K, then it is recommended to adjust FLL_RATIO in order to obtain a non-integer
value of N.K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com