Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8352 Datasheet(PDF) 110 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 110 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 114Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
110
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
System
Control 1
15
CHIP_ON
0
Indicates whether the system is on or off.
Writing 0 to this bit powers down the whole
chip. Registers which are affected by state
machine reset will get reset.
Once the system is turned OFF it can be
restarted by any of the valid ON event.
3
ON_DEB_T
0
ON pin Shutdown function debounce time
0 = 10s
1 = 5s
1
ON_POL
1
ON pin polarity:
0 = Active high (ON)
1 = Active low (/ON)
Table 57 Software Shutdown
As part of the shutdown sequence, the WM8352 asserts the /RST and /MEMRST reset signals,
resets its internal control registers, disables most of its functions, resets the CHIP_ON bit to 0 and
moves to the OFF state. (Note that /MEMRST is an optional output available on GPIO pins only.)
14.3.4
POWER CYCLING
If an undervoltage fault or a limit switch overcurrent fault is detected (eg. during start-up, or when
exiting the HIBERNATE state), the WM8352 will respond according to various configurable options.
The Limit Switch and each of the DC Converters and LDO Regulators may be programmed to
shutdown the system in the event of a fault condition. In these events (where a system shutdown is
selected), the WM8352 will either shut down or will attempt to re-start, depending on the state of the
POWERCYCLE register bit.
If POWERCYCLE = 0, then a fault condition will result in the shutdown of the WM8352, reverting to
the OFF state. If POWERCYCLE = 1, then the WM8352 will make a maximum of 8 attempts to re-
start. Each attempt will be scheduled at 200ms intervals. After 8 consecutive failed attempts, the
WM8352 reverts to the OFF state and resets the power cycling counter. Any subsequent start-up
event again has a maximum of 8 attempts to start up (provided that POWERCYCLE = 1).
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
System
Control
13
POWERCYCL
E
0
Action to take on a fault (if fault response
is set to shutdown system):
0 = Shut down
1 = Shutdown everything then go through
startup sequence. ie. Reboot the system.
Table 58 Controlling Power Cycling
14.3.5
REGISTER RESET
The control registers of the WM8352 are reset when it goes into the OFF state. Under default
conditions, the control registers are also reset when exiting the HIBERNATE state; this behaviour is
selectable using the REG_RESET_HIB_MODE control bit.
In Development mode, the register reset in OFF can be disabled using the RECONFIG_AT_ON
register field. See Section 14.4 for a definition of this field.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
System
Hibernate
5
REG_RESE
T_HIB_MOD
E
0
Action of the internal register reset signal
when going from Hibernate to Active.
0 = Do a register reset when leaving the
hibernate state.
1 = Do not do a register reset when leaving
the hibernate state
Table 59 Register Reset Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com