Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8352 Datasheet(PDF) 230 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 230 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 226Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 227Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 228Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 229Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 230Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 231Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 232Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 233Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 234Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
230
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R20 (14h) Alarm
Seconds/Minute
s
14:8
RTC_ALMMINS[6:0]
000_0000 Minutes alarm register with range 0-59. All 1's
sets to 'don't care' state.
Note, during programming it is best to disable
the Alarm Enable request bit to avoid false
alarms.
6:0
RTC_ALMSECS[6:0]
000_0000 Seconds alarm register with range 0-59. All 1's
set to 'don't care' state.
Note, during programming it is best to disable
the Alarm Enable request bit to avoid false
alarms.
Register 14h Alarm Seconds/Minutes
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R21 (15h)
Alarm
Hours/Day
11:8
RTC_ALMDAY[3:0]
0000
Day alarm register, with range 1-7, 1 = Sunday.
All 1's sets to 'don't care' state.
Note, during programming it is best to disable the
Alarm Enable request bit to avoid false alarms.
5
RTC_ALMHPM
0
Alarm hours AM/PM flag
0 = AM
1 = PM
Only applicable in 12 hour mode. In 24 hour mode
set to 1 if RTC_ALMHRS is set to all 1’s ‘don’t
care’ or 0 otherwise.
4:0
RTC_ALMHRS[4:0]
0_0000
Hours alarm register with range 0-23 in 24 hours
mode and 1-12 in 12 hour. In 12 hour mode bit 5 is
used as PM/not-AM flag. All 1's sets to 'don't care'
state.
Note, during programming it is best to disable the
Alarm Enable request bit to avoid false alarms.
Register 15h Alarm Hours/Day
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R22 (16h)
Alarm
Date/Month
12:8
RTC_ALMMTH[4:0]
0_0000
Month alarm register with range 1-12. All 1's sets
to 'don't care' state.
Note, during programming it is best to disable the
Alarm Enable request bit to avoid false alarms.
5:0
RTC_ALMDATE[5:0]
00_0000
Date alarm register with range 1-31. All 1's sets to
'don't care' state.
Note, during programming it is best to disable the
Alarm Enable request bit to avoid false alarms.
Register 16h Alarm Date/Month



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com